전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDZ4.7FV 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDZ4.7FV
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ4.7FV 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDZ4.7FV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ4.7FV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ4.7FV Datasheet HTML 3Page - KEC(Korea Electronics) KDZ4.7FV Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2007. 12. 4
1/4
SEMICONDUCTOR
TECHNICAL DATA
KDZ3.6FV~KDZ36FV
Revision No : 5
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : TFSC
Nominal Voltage Tolerance About
6%.
MAXIMUM RATING (Ta=25
)
TFSC
DIM
MILLIMETERS
A
B
C
D
E
1.00 0.05
0.80+0.10/-0.05
0.60 0.05
0.30 0.05
0.40 MAX
CATHODE MARK
B
A
0.13 0.05
F
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Type Name
Marking
* Mounted on a glass epoxy circuit board of 20
20
,
pad dimension of 4
4
.
Type No.
Marking
Type No.
Marking
Type No.
Marking
-
Y Grade
-
Y Grade
-
Y Grade
** KDZ3.6FV
2F
2P
KDZ8.2FV
DF
DP
KDZ20FV
MF
MP
** KDZ3.9FV
3F
3P
KDZ9.1FV
EF
EP
KDZ22FV
NF
NP
KDZ4.3FV
4F
4P
KDZ10FV
UF
UP
KDZ24FV
QF
QP
KDZ4.7FV
5F
5P
KDZ11FV
GF
GP
KDZ27FV
RF
RP
KDZ5.1FV
6F
6P
KDZ12FV
HF
HP
KDZ30FV
SF
SP
KDZ5.6FV
8
8P
KDZ13FV
JF
JP
KDZ33FV
AF
AP
KDZ6.2FV
9F
9P
KDZ15FV
KF
KP
KDZ36FV
TF
TP
KDZ6.8FV
BF
BP
KDZ16FV
9
91
-
-
-
KDZ7.5FV
PF
PP
KDZ18FV
LF
LP
-
-
-
* *Under development.


유사한 부품 번호 - KDZ4.7FV

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDZ4.7FV KEC-KDZ4.7FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
KDZ4.7FV KEC-KDZ4.7FV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - KDZ4.7FV

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com