전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF4N20LI 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KF4N20LI
상세설명  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N20LI 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KF4N20LI Datasheet HTML 1Page - KEC(Korea Electronics) KF4N20LI Datasheet HTML 2Page - KEC(Korea Electronics) KF4N20LI Datasheet HTML 3Page - KEC(Korea Electronics) KF4N20LI Datasheet HTML 4Page - KEC(Korea Electronics) KF4N20LI Datasheet HTML 5Page - KEC(Korea Electronics) KF4N20LI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2010. 8. 20
2/6
KF4N20LD/I
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tc=25
℃)
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L = 78mH, IS=1A, VDD=50V, RG = 25Ω, Starting Tj = 25℃.
Note 3) IS ≤2A, dI/dt≤300A/㎲, VDD≤BVDSS, Starting Tj = 25℃.
Note 4) Pulse Test : Pulse width
≤ 300㎲, Duty Cycle ≤ 2%.
Note 5) Essentially independent of operating temperature.
KF4N20LW
LD
KF4N20LW
LI
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
200
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBVDSS/ΔTj ID=250μA, Referenced to 25℃
-
0.2
-
V/
Drain Cut-off Current
IDSS
VDS=200V, VGS=0V,
-
-
10
μA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μA
1.0
-
2.0
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=1.8A
-
0.85
1.05
VGS=5V, ID=1.8A
0.89
1.10
Dynamic
Total Gate Charge
Qg
VDS=150V, ID=3.6A
VGS=5V
(Note4,5)
-
2.9
3.8
nC
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain Charge
Qgd
-
2.2
-
Turn-on Delay time
td(on)
VDD=100V, ID=3.6A
RG=25Ω
(Note4,5)
VGS=5V
-
10
-
ns
Turn-on Rise time
tr
-
20
-
Turn-off Delay time
td(off)
-
15
-
Turn-off Fall time
tf
-
15
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
170
220
pF
Output Capacitance
Coss
-
25
-
Reverse Transfer Capacitance
Crss
-
4.0
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
1
A
Pulsed Source Current
ISP
-
-
4
Diode Forward Voltage
VSD
IS=1A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
trr
IS=3.6A, VGS=0V,
dIs/dt=100A/
-
100
-
ns
Reverse Recovery Charge
Qrr
-
0.30
-
μC


유사한 부품 번호 - KF4N20LI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KF4N20LI KEC-KF4N20LI Datasheet
601Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

유사한 설명 - KF4N20LI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com