전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS-NM-MSD 데이터시트(PDF) 2 Page - CRYSTEK CORPORATION

부품명 CS-NM-MSD
상세설명  Type N Plug , Solder Clamp for Semflex LA290 Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
홈페이지  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CS-NM-MSD 데이터시트(HTML) 2 Page - CRYSTEK CORPORATION

  CS-NM-MSD Datasheet HTML 1Page - CRYSTEK CORPORATION CS-NM-MSD Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
A
K. Piotrowicz
04-Jan-11
CS-NM-MSD
1.1 Trim Cable as shown.
Step 1
2.1 Slide clamp nut over cable as shown.
2.2 Insert cable into solder ferrule until cable dielectric is flush with solder face of ferrule.
2.3 Solder both cable braids where shown.
2.4 Slide dielectric stop over cable center conductor and solder contact flush against stop to
dimension shown.
Step 2
3.1 Insert forward insulator into connector in orientation shown.
3.2 Insert cable/contact sub-assembly into connector until seated and tighten clamp nut to
35-45 in-lbs.
Step 3
Page 2 of 2


유사한 부품 번호 - CS-NM-MSD

제조업체부품명데이터시트상세설명
logo
CRYSTEK CORPORATION
CS-NM-MSC CRYSTEKMICROWAVE-CS-NM-MSC Datasheet
78Kb / 2P
   Type N Plug to HP190 Cable
More results

유사한 설명 - CS-NM-MSD

제조업체부품명데이터시트상세설명
logo
Crystek Corporation
CS-SM-MSD CRYSTEKCRYSTAL-CS-SM-MSD Datasheet
89Kb / 2P
   SMA Plug, Solder Clamp for Semflex LA290 Cable
CS-TM-MSD CRYSTEKCRYSTAL-CS-TM-MSD Datasheet
90Kb / 2P
   TNCA Plug, Solder Clamp for semflex LA290 Cable
CS-SM-MSC CRYSTEKCRYSTAL-CS-SM-MSC Datasheet
86Kb / 2P
   SMA Plug, Solder Clamp for Semflex HP190 Cable
CS-SM-MSB CRYSTEKCRYSTAL-CS-SM-MSB Datasheet
94Kb / 2P
   SMA Plug, Solder Clamp for Semflex HP160 Cable
CS-TM-MSC CRYSTEKCRYSTAL-CS-TM-MSC Datasheet
206Kb / 3P
   TNCA Plug, Solder Clamp for Semflex HP190 Cable
logo
CRYSTEK CORPORATION
CS-NM-MHB CRYSTEKMICROWAVE-CS-NM-MHB Datasheet
93Kb / 2P
   Type N Plug, Solder Clamp
CS-DM-MJB CRYSTEKMICROWAVE-CS-DM-MJB Datasheet
89Kb / 2P
   2.4mm Plug, Solder Clamp for IW1501 Cable
CS-SM-MHD CRYSTEKMICROWAVE-CS-SM-MHD Datasheet
89Kb / 2P
   SMA Plug, Solder Clamp for Harbour SS402 Cable
logo
Crystek Corporation
CS-SM-MHA CRYSTEKCRYSTAL-CS-SM-MHA Datasheet
88Kb / 2P
   SMA Plug, Solder Clamp for Harbour LL142 Cable
CS-TM-MHA CRYSTEKCRYSTAL-CS-TM-MHA Datasheet
126Kb / 3P
   SMA Plug, Solder Clamp for Harbour LL142 Cable
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com