전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB6D6N30 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KMB6D6N30
상세설명  FLP-8 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D6N30 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KMB6D6N30 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KMB6D6N30Q
2
3
601
KMB6D6
1
N30Q
2006. 6. 12
1/1
MARKING SPECIFICATION
FLP-8 PACKAGE
Revision No : 0
1. Marking method
Laser Marking.
2. Marking
No.
Item
Marking
Description
Device Name
KMB6D6N30Q
KMB6D6N30Q
Pin No.
Dot
Pin 1
Lot No.
601
6
Year
0~9 : 2000~2009
01
Week
01 : 1st Week


유사한 부품 번호 - KMB6D6N30

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB6D6N30Q KEC-KMB6D6N30Q Datasheet
374Kb / 5P
   N-Ch Trench MOSFET
More results

유사한 설명 - KMB6D6N30

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMA5D8DP20Q KEC-KMA5D8DP20Q Datasheet
16Kb / 1P
   FLP-8 PACKAGE
KMB7D0DN40QA_0712 KEC-KMB7D0DN40QA_0712 Datasheet
423Kb / 1P
   FLP-8 PACKAGE
KMB8D0P30Q KEC-KMB8D0P30Q Datasheet
371Kb / 1P
   FLP-8 PACKAGE
KMB5D0NP40Q KEC-KMB5D0NP40Q Datasheet
371Kb / 1P
   FLP-8 PACKAGE
KMB7D6NP30Q KEC-KMB7D6NP30Q Datasheet
371Kb / 1P
   FLP-8 PACKAGE
KMA6D5P20Q KEC-KMA6D5P20Q Datasheet
16Kb / 1P
   FLP-8 PACKAGE
KMB4D8DN55Q KEC-KMB4D8DN55Q Datasheet
372Kb / 1P
   FLP-8 PACKAGE
KMB012N30Q KEC-KMB012N30Q Datasheet
382Kb / 1P
   FLP-8 PACKAGE
KMB5D5NP30Q KEC-KMB5D5NP30Q Datasheet
30Kb / 1P
   FLP-8 (1) PACKAGE
logo
List of Unclassifed Man...
FLP25 ETC1-FLP25 Datasheet
134Kb / 1P
   LENSCAP / FLP ASSEMBLY, 7mm ROUND
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com