전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB7D0NP30QA 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KMB7D0NP30QA
상세설명  N and P-Ch Trench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D0NP30QA 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KMB7D0NP30QA_11 Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 4Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 5Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 6Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 7Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 8Page - KEC(Korea Electronics) KMB7D0NP30QA_11 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2011. 3. 18
3/9
KMB7D0NP30QA
Revision No : 3
Note 1>* Pulse test : Pulse width≤300㎲, Duty Cycle≤2%.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Dynamic
Total Gate Charge
Qg
N-Ch
: VDS=15V, ID=6.6A,
VGS=10V
(Fig.1)
P-Ch
: VDS=-15V, ID=-5A,
VGS=-10V
(Fig.3)
N-Ch
-
16.4
20.5
nC
P-Ch
-
13
16
N-Ch
: VDS=15V, ID=6.6A,
VGS=4.5V
(Fig.1)
P-Ch
: VDS=-15V, ID=-5A,
VGS=-4.5V
(Fig.3)
N-Ch
-
7.2
9
P-Ch
-
6.25
7.8
Gate-Source Charge
Qgs
N-Ch
: VDS=15V, ID=6.6A,
VGS=10V
(Fig.1)
P-Ch
: VDS=-15V, ID=-5A,
VGS=-10V
(Fig.3)
N-Ch
-
4
-
P-Ch
-
2.6
-
Gate-Drain Charge
Qgd
N-Ch
-
2.6
-
P-Ch
-
2.9
-
Turn-on Delay time
td(on)
N-Ch
: VDD=15V, ID=6.6A,
VGS=10V, RG=3Ω
(Fig.2)
P-Ch
: VDD=-15V, VGS=-10V,
RG=3Ω, RL=2.7Ω
(Fig.4)
N-Ch
-
7.4
-
ns
P-Ch
-
4.7
-
Turn-on Rise time
tr
N-Ch
-
27.7
-
P-Ch
-
7.8
-
Turn-off Delay time
td(off)
N-Ch
-
12.2
-
P-Ch
-
47.2
-
Turn-off Fall time
tf
N-Ch
-
7.6
-
P-Ch
-
22.6
-
Input Capacitance
Ciss
N-Ch
: VDS=15V, VGS=0V, f=1.0MHz
P-Ch
: VDS=-15V, VGS=0V, f=1.0MHz
N-Ch
-
742
-
pF
P-Ch
-
820
-
Output Capacitance
Coss
N-Ch
-
126
-
P-Ch
-
137
-
Reverse transfer Capacitance
Crss
N-Ch
-
76
-
P-Ch
-
89
-


유사한 부품 번호 - KMB7D0NP30QA_11

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
More results

유사한 설명 - KMB7D0NP30QA_11

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMA7D0NP30Q KEC-KMA7D0NP30Q Datasheet
92Kb / 8P
   N and P-CH Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA_15 Datasheet
1Mb / 6P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA Datasheet
64Kb / 6P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
KMB3D5PS30QA KEC-KMB3D5PS30QA Datasheet
469Kb / 5P
   SBD and P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com