전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMC05N60E 데이터시트(PDF) 3 Page - Fuji Electric

부품명 FMC05N60E
상세설명  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMC05N60E 데이터시트(HTML) 3 Page - Fuji Electric

  FMC05N60E Datasheet HTML 1Page - Fuji Electric FMC05N60E Datasheet HTML 2Page - Fuji Electric FMC05N60E Datasheet HTML 3Page - Fuji Electric FMC05N60E Datasheet HTML 4Page - Fuji Electric FMC05N60E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
33
FUJI POWER MOSFET
FMC05N60E
10
-1
10
0
10
1
10
0
10
1
10
2
10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V,VGS=10V,RG=24 Ω
td(on)
tr
tf
td(off)
ID [A]
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.01
0.1
1
10
100
VSD [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80 µs pulse test,Tch=25 °C
10
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
10
4
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
16
18
20
Qg [nC]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=5.5A,Tch=25 °C
480V
300V
Vcc= 120V
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tch [°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=2.8A,VGS=10V
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
typ.
max.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250µA
Tch [°C]


유사한 부품 번호 - FMC05N60E

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FMC05N60E ISC-FMC05N60E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FMC05N60E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com