전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMH23N50ES 데이터시트(PDF) 3 Page - Fuji Electric

부품명 FMH23N50ES
상세설명  N-CHANNEL SILICON POWER MOSFETFeatures
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMH23N50ES 데이터시트(HTML) 3 Page - Fuji Electric

  FMH23N50ES Datasheet HTML 1Page - Fuji Electric FMH23N50ES Datasheet HTML 2Page - Fuji Electric FMH23N50ES Datasheet HTML 3Page - Fuji Electric FMH23N50ES Datasheet HTML 4Page - Fuji Electric FMH23N50ES Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
33
FUJI POWER MOSFET
FMH23N50ES
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
typ.
max.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250µA
Tch [°C]
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
Qg [nC]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=23A,Tch=25 °C
400V
250V
Vcc= 100V
10
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
10
4
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0.1
1
10
100
VSD [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80 µs pulse test,Tch=25 °C
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V,VGS=10V,RG=8.2 Ω
td(on)
tr
tf
td(off)
ID [A]
-50
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
Tch [°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=11.5A,VGS=10V


유사한 부품 번호 - FMH23N50ES

제조업체부품명데이터시트상세설명
logo
Fuji Electric
FMH23N50E FUJI-FMH23N50E Datasheet
557Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
FMH23N50E ISC-FMH23N50E Datasheet
268Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FMH23N50ES

제조업체부품명데이터시트상세설명
logo
Fuji Electric
FMH19N60E FUJI-FMH19N60E Datasheet
562Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMC10N60E FUJI-FMC10N60E Datasheet
642Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMC03N60E FUJI-FMC03N60E Datasheet
580Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMI16N60E FUJI-FMI16N60E Datasheet
532Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com