전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FML16N50ES 데이터시트(PDF) 2 Page - Fuji Electric

부품명 FML16N50ES
상세설명  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FML16N50ES 데이터시트(HTML) 2 Page - Fuji Electric

  FML16N50ES Datasheet HTML 1Page - Fuji Electric FML16N50ES Datasheet HTML 2Page - Fuji Electric FML16N50ES Datasheet HTML 3Page - Fuji Electric FML16N50ES Datasheet HTML 4Page - Fuji Electric FML16N50ES Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FML16N50ES
3
FUJI POWER MOSFET
http://www.fujisemi.com
0
25
50
75
100
125
150
0
50
100
150
200
250
300
Allowable Power Dissipation
PD=f(Tc)
Tc [˚C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
t
P
D
Power loss waveform :
Square waveform
t
P
D
t
P
D
Power loss waveform :
Square waveform
VDS [V]
Safe Operating Area
I
D=f(VDS):Duty=0(Singlepulse), Tc=25˚c
t=
1µs
10µs
1ms
100µs
0
4
8
12
16
20
24
0
10
20
30
40
7.5V
8.0V
VDS [V]
Typical Output Characteristics
ID=f(VDS):80µs pulse test, Tch=25˚C
10V
7.0V
6.5V
VGS=6.0V
0
2
4
6
8
10
12
0.1
1
10
100
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80µs pulse test, VDS=25V, Tch=25˚C
0.1
1
10
100
0.1
1
10
100
ID [A]
Typical Transconductance
gfs=f(ID):80µs pulse test, VDS=25V, Tch=25˚C
0
10
20
30
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80µs pulse test, Tch=25˚C
10V
8V
20V
7V
VGS=6.5V


유사한 부품 번호 - FML16N50ES

제조업체부품명데이터시트상세설명
logo
Fuji Electric
FML16N60ES FUJI-FML16N60ES Datasheet
504Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

유사한 설명 - FML16N50ES

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com