전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRA116M 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KRA116M
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA116M 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KRA116M_02 Datasheet HTML 1Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 2Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 3Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 4Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 5Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 6Page - KEC(Korea Electronics) KRA116M_02 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2002. 7. 2
5/7
KRA116M~KRA122M
Revision No : 3
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
I
- V
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
Ta=100 C
-0.3
-10
-0.1
-0.5
-0.3
-1
-3
-5
-100
-50
-30
KRA118M
V =-0.2V
O
O
-1
-3
Ta=-25 C
Ta=25 C
-10
V =-0.2V
-10
-0.3
Ta=100 C
-0.1
-0.3
-0.5
-1
-5
-3
-1
-3
Ta=25 C
Ta=-25 C
-100
-50
-30
KRA119M
-10
-3
-1
10
V =-5V
-10
-30
-100
O
50
30
100
200
KRA118M
Ta=100
C
Ta=25 C
Ta=-25 C
-3
-1
10
30
50
100
200
KRA119M
V =-5V
-10
-30
-100
O
Ta=100
C
Ta=-25 C
Ta=25 C
-1.2
V =-5V
-500
-0.4
-50
-30
-100
-300
-0.2
-0.8
-0.6
-1.0
-1k
-3k
KRA119M
-1.4
O
-1.6
-1.8
-1.2
V =-5V
-500
-0.4
0
-50
-30
-100
-300
-0.2
-0.8
-0.6
-1.0
-1k
-3k
KRA118M
-1.4
O


유사한 부품 번호 - KRA116M_02

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

유사한 설명 - KRA116M_02

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com