전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP868C10R 데이터시트(PDF) 3 Page - Fuji Electric

부품명 TP868C10R
상세설명  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TP868C10R 데이터시트(HTML) 3 Page - Fuji Electric

  TP868C10R Datasheet HTML 1Page - Fuji Electric TP868C10R Datasheet HTML 2Page - Fuji Electric TP868C10R Datasheet HTML 3Page - Fuji Electric TP868C10R Datasheet HTML 4Page - Fuji Electric TP868C10R Datasheet HTML 5Page - Fuji Electric TP868C10R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
3
TP868C10R
http://www.fujisemi.com
FUJI Diode
-2
0
2
4
6
8
10
12
14
16
18
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Per 1element
DC
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Square wave λ=60°
Forward Power Dissipation (max.)
Io
Average Forward Current
(A)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1
2
3
4
5
6
7
8
9
10
11
12
13
360°
VR
Reverse Power Dissipation (max.)
α=180°
DC
VR
Reverse Voltage
(V)
λ
360°
I0
α
360°
VR
0
10
20
30
40
50
60
70
80
90
100
110
120
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic
(typ.)
Tj= 25℃
Tj=100℃
Tj=125℃
Tj=150℃
VR
Reverse Voltage
(V)
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=150℃
Tj=125℃
Tj=100℃
Tj=25℃
Forward Characteristic
(typ.)
VF
Forward Voltage
(V)


유사한 부품 번호 - TP868C10R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
TP868C12R FUJI-TP868C12R Datasheet
74Kb / 3P
   High Voltage Schottky barrier diode
TP868C15R FUJI-TP868C15R Datasheet
76Kb / 3P
   High Voltage Schottky barrier diode
More results

유사한 설명 - TP868C10R

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com