전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1517 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KTA1517
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1517 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KTA1517 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1517 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1517 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2006. 2. 16
3/3
KTA1517
Revision No : 0
h
(x10 )
re
-5
C
- V
ob
CB
CB
COLLECTOR-BASE VOLTAGE V
(V)
-1
1
10
10
100
-10
COLLECTOR CURRENT I
(
µA)
C
g ,
NF - R
I C
-100
-1k
-10k
1k
10k
100k
COMMON
EMITTER
V
=-6V
f=1kHz
CE
NF=1dB
2
3
4
6
8
10
12
NF=1d
B
2
3
4
6
8
10
12
-3
-10
-30
-100
-200
3
5
20
I =0
f=1MHz
Ta=25 C
E
h PARAMETER - VCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
5
10
NF - R , IC
g
C
COLLECTOR CURRENT I
(
µA)
-10
100
10
-100
-1000
-10000
1k
10k
100k
V
=-6V
CE
f=10Hz
NF=1dB
2
3
4
6
8
12
12
10
10
-3
-5
-10
-30
-50
-100
30
50
100
300
500
700
COMMON EMITTER
I =1mA
f=270Hz
Ta=25 C
E
fe
h
oe
h
(xµ
)
h
(xk
Ω)
ie
AMBIENT TEMPERATURE Ta ( C)
0
0
50
100
25
50
75
125
100
150
200
P
- Ta
C
COMMON
EMITTER
150


유사한 부품 번호 - KTA1517

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1517 KEC-KTA1517_15 Datasheet
775Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KTA1517

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com