전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS18B09-P1J 데이터시트(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

부품명 GS18B09-P1J
상세설명  15~18WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS18B09-P1J 데이터시트(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS18B09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS18B09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NAMEPLATE
UL118516AWG1230 50mmfor5V~12V
UL118518AWG1830 50mmfor15V~48V
POWERLED
70 10mm
11 0.5mm
MechanicalSpecification
DeratingCurve
FileName:GS18B-SPEC 2011-06-14
Unit:mm
Ta(
)
0
10
20
30
40
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
Plug Assignment
Standardplug:P1J
33
79
15~18W AC-DCSingleOutputDesktop
G S 1 8 B series
50
ID2.1xOD5.5
C"+"
P/N
OUTPUT
P1J
CENTER
+


유사한 부품 번호 - GS18B09-P1J

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GS18B09-P1J MEANWELL-GS18B09-P1J Datasheet
122Kb / 2P
   10~18WAC-DC Single Output Desktop
More results

유사한 설명 - GS18B09-P1J

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GS18A MEANWELL-GS18A_11 Datasheet
175Kb / 2P
   15~18WAC-DC Single Output Desktop
GA18A MEANWELL-GA18A_12 Datasheet
193Kb / 2P
   15~18WAC-DC Single Output Desktop
GS18B MEANWELL-GS18B Datasheet
122Kb / 2P
   10~18WAC-DC Single Output Desktop
ES18A MEANWELL-ES18A Datasheet
167Kb / 2P
   9~18WAC-DC Single Output Desktop
ES18B MEANWELL-ES18B Datasheet
167Kb / 2P
   9~18WAC-DC Single Output Desktop
ES18C MEANWELL-ES18C Datasheet
162Kb / 2P
   9~18WAC-DC Single Output Desktop
GS18A MEANWELL-GS18A Datasheet
119Kb / 2P
   10~18WAC-DC Single Output Desktop
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com