전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX598TF 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX598TF
상세내용  N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
2008. 10. 21
2/2
KTX598TF
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VSUPPLY
-
-
-
5.0
V
Supply Current
ISUPPLY*
VSUPPLY=2.0V
150
-
350
A
Input Capacitance
CINPUT
f=1kHz
-
4
-
Voltage Gain
GV
f=1kHz, VSUPPLY=2.0V
-
3
-
dB
Gain Reduction with Frequency
GV
f=1kHz~100Hz, VSUPPLY=2.0V
-
-
-1.0
dB
Input Impedance
ZINPUT
f=1kHz, VSUPPLY=2.0V
30
-
-
M
Outpur Impedance
ZOUTPUT
f=1kHz, VSUPPLY=2.0V
-
-
2.2
k
Total Harmonic Distortion
THD
f=1kHz, VSUPPLY=2.0V, VIN=20mV
-
0.6
-
%
Output Noise
n
f=1kHz, VSUPPLY=3.0V
-
-110
-
dB
Ta=25
, RL=2.2k
CIN=5pF, VSIGNAL=28mVpp, See Specified AC Test Circuit
Note 1: Absolute Maximum Ratings indicate Iimits beyond which damage to the device may occur.
Note 2: ESD Test Condition is IEC 61000-4-2 Standard which is 330
in series with 150pF.
Note 3: Supply Voltage indicates conditions for which the device is inteded to be functional, but specific performance is
not guaranteed. For guaranteed specifications and the conditions, see the Electrical Characteristics.
* ISUPPLY Classification Y(1):120~250,
GR(2):210~350
5pF
OSC
33µF
2.2k
Vout
VSUPPLY
15pF
33pF
200
SPECIFIED TEST CIRCUIT




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl