전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL22DFAW015C 데이터시트(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 TL22DFAW015C
상세설명  Fully Illuminated Toggles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DFAW015C 데이터시트(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DFAW015C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAW015C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAW015C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAW015C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAW015C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series TL
Fully Illuminated Toggles
www.nkk.com
A118
A General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
6A @ 125V AC or 3A @ 250V AC or 6A @ 12V DC for silver
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum for gold
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: See Supplement Index for explanation of operating range.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold
Static Capability:
Withstands 20 kilovolts ESD minimum
Nominal Operating Force:
1.9N for .689” (17.5mm) toggle; 2.5N for .433” (11.0mm) toggle
Angle of Throw:
25°
Materials & Finishes
Toggle:
Polycarbonate
Housing:
Glass fiber reinforced polyamide
Sealing Ring:
Nitrile butadiene rubber
Base:
Diallyl phthalate (UL94V-0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy or copper with gold plating
Stationary Contact:
Silver plus copper with silver plating or copper with gold plating
Lamp Contacts:
Beryllium copper with silver plating
Power Terminals:
Copper with silver or gold plating
Lamp Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–10°C through +55°C (+14°F through +131°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 1.75 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
.98Nm (8.67 lbin) maximum
Soldering Time & Temperature:
Manual Soldering: See Profile B in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 base


유사한 부품 번호 - TL22DFAW015C

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
TL22DFAW015C NKK-TL22DFAW015C Datasheet
152Kb / 6P
   General Specifications
More results

유사한 설명 - TL22DFAW015C

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
B12JJPC NKK-B12JJPC Datasheet
127Kb / 4P
   Subminiature Fully Illuminated Toggles
B12JJPC NKK-B12JJPC_12 Datasheet
434Kb / 4P
   Subminiature Fully Illuminated Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
Nihon Kaiheiki Industry...
GB15JPC NKK-GB15JPC_10 Datasheet
129Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JPC NKK-GB15JPC Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JHF ETC2-GB15JHF Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com