|
| EZ1580 |
|
||
|
SEMTECH |
|
5 page
© 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 DUAL INPUT LOW DROPOUT REGULATOR EZ1580/EZ1581 EZ1582/EZ1583 February 26, 1999 5 DEVICE OUTLINE - TO-220, 5 PIN APPLICATION INFORMATION The EZ158X is a low dropout regulator designed to power the next generation of low voltage, split voltage plane processors, such as the Pentium® Processor P55C, the IBM PowerPC™ 603EV and 604EV and the AMD5 K86™ and K6 Processors. The dropout voltage is minimized by utilizing a separate input voltage, V CONTROL, which should exceed V OUT by at least 1.3V. The 2.5V power for the load (microprocessor core) can be derived from a 3.3V system supply. Since the efficiency of a linear regulator is the ratio of the output to the input voltage, heat dissipation is reduced by using a 3.3 input, thereby lowering heatsink and cooling fan costs. For a load of 7A at 2.5V, the regulator would dissipate 17.5W when converting from 5V, but only 5.6W from a 3.3V input. Remote Kelvin sensing of the output voltage can be achieved by connecting the sense pin to the output at the load. Remote sensing will reduce errors associated with resistive trace losses between regulator and processor. DEVICE OUTLINE - TO-263, 5 PIN MINIMUM LAND PATTERN - TO-263, 5 PIN |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| APL1582 | DUAL INPUT LOW DROPOUT REGULATOR | 1 2 3 4 5 More | Anpec Electronics Coropration |
| TS1581 | 5A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| APL5330 | Dual Input 2A Low Dropout Regulator | 1 2 3 4 5 More | Anpec Electronics Coropration |
| TS1582 | 3A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| TS1583 | 1.5A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| L1581 | Dual Input Ultra Low Dropout Voltage Regulator ULDO | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CS8147 | 10V/5V Low Dropout Dual Regulator with ENABLE | 1 2 3 4 5 More | Cherry Semiconductor Corporation |
| SC4215A | Very Low Input /Very Low Dropout 2 Amp Regulator With Enable | 1 2 3 4 5 More | Semtech Corporation |
| ADP3302 | High Precision anyCAP™ Dual Low Dropout Linear Regulator | 1 2 3 4 5 More | Analog Devices |
| AP1120 | Dual 1A Low Dropout Positive Regulator | 1 2 3 4 5 | Anachip Corp |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |