|
| EZ1580 |
|
||
|
SEMTECH |
|
4 page
© 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 DUAL INPUT LOW DROPOUT REGULATOR EZ1580/EZ1581 EZ1582/EZ1583 February 26, 1999 4 TYPICAL APPLICATIONS (1)(2) GROUND GROUND 3.3V POWER IN 2.5V OUT 5V CONTROL IN C2 10uF U1 EZ158XCX-2.5 4 3 2 1 5 CONTROL OUTPUT GND SENSE POWER C3 68uF C1 33uF GROUND 1.5V OUT 3.3V CONTROL IN 2.5V POWER IN GROUND C2 10uF C3 100uF C1 47uF U1 EZ158XCX-1.5 4 3 2 1 5 CONTROL OUTPUT GND SENSE POWER 2.5V OUT 3.3V POWER IN 5V CONTROL IN GROUND GROUND C2 10uF C1 33uF C3 68uF R1 124 R2 124 U1 EZ158XCX 4 3 2 1 5 CONTROL OUTPUT ADJ SENSE POWER VREF 2 R I 1 R 2 R 1 V V ADJ REF OUT • + ö ç è æ + = Adjustable Output Parts (3) Fixed Output Parts NOTES: (1) Capacitor values are for reference only. Good quality, low ESR tantalum or aluminum electrolytic capacitors should be used. Increasing the value of the output capacitor will improve the overall transient response. (2) If the same voltage is input to both POWER and CONTROL, then the dropout voltage will become 1.3V maxi- mum. (3) A small (~0.033µF) capacitor can be used to bypass the ADJUST pin to improve transient response, if needed. |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| APL1582 | DUAL INPUT LOW DROPOUT REGULATOR | 1 2 3 4 5 More | Anpec Electronics Coropration |
| TS1581 | 5A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| APL5330 | Dual Input 2A Low Dropout Regulator | 1 2 3 4 5 More | Anpec Electronics Coropration |
| TS1582 | 3A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| TS1583 | 1.5A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| L1581 | Dual Input Ultra Low Dropout Voltage Regulator ULDO | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CS8147 | 10V/5V Low Dropout Dual Regulator with ENABLE | 1 2 3 4 5 More | Cherry Semiconductor Corporation |
| SC4215A | Very Low Input /Very Low Dropout 2 Amp Regulator With Enable | 1 2 3 4 5 More | Semtech Corporation |
| ADP3302 | High Precision anyCAP™ Dual Low Dropout Linear Regulator | 1 2 3 4 5 More | Analog Devices |
| AP1120 | Dual 1A Low Dropout Positive Regulator | 1 2 3 4 5 | Anachip Corp |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |