전자부품 데이터시트 검색엔진 |
|
TL22SCAG016G 데이터시트(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22SCAG016G 데이터시트(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 5 page Series TL Fully Illuminated Toggles www.nkk.com A120 A Pole 2 DPDT TYPICAL SWITCH ORDERING EXAMPLE 2 W01 D A Toggle Colors For Bright C Red D Amber F Green For Super Bright N No Color Terminals, Contacts & Ratings W01 Solder Lug Terminals * Silver 6A @ 125V AC for .689” (17.5mm) Toggle only G01 Solder Lug Terminals * Gold 0.4VA @ 28V AC/DC for .433” (11.0mm) Toggle only TL 6G LED Colors Bright 5C Red 5D Amber 5F Green Super Bright 6B White 6F Green 6G Blue DESCRIPTION FOR TYPICAL ORDERING EXAMPLE TL22DNAW016G 2 N Circuit 2 ON NONE ON .689” (17.5mm) Toggle Length; No Color (matte finish of clear material) Blue, Super Bright LED Black Housing Silver Contacts with 6-amp Rating DPDT ON-NONE-ON Circuit Solder Lug Terminals Toggle Lengths D .689” (17.5mm) (combines with silver contacts only) S .433” (11.0mm) (combines with gold contacts only) Housing A Black * Wire harness & cable assemblies offered only in Americas |
유사한 부품 번호 - TL22SCAG016G |
|
유사한 설명 - TL22SCAG016G |