전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF422 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 BF422
상세설명  High voltage application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BF422 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  BF422 Datasheet HTML 1Page - KODENSHI_AUK CORP. BF422 Datasheet HTML 2Page - KODENSHI_AUK CORP. BF422 Datasheet HTML 3Page - KODENSHI_AUK CORP. BF422 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A035-000
1
BF422
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Descriptions
• High voltage application
• Monitor equipment application
Features
• Collector-Emitter voltage : VCEO=250V
• Complementary pair with BF423
Ordering Information
Type NO.
Marking
Package Code
BF422
BF422
TO-92
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
250
V
Collector-Emitter voltage
VCEO
250
V
Emitter-base
VEBO
5
V
Collector current
IC
100
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
250
-
-
V
Collector cut-off current
ICBO
VCB=200V, IE=0
-
-
100
nA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC current gain
hFE
VCE=20V, IC=25mA
50
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=30mA, IB=5mA
-
-
0.6
V
Transistor frequency
fT
VCE=20V, IC=10mA,
f=100MHz
-
100
-
MHz
Collector output capacitance
Cob
VCB=20V, IE=0, f=1MHz
-
1
-
pF


유사한 부품 번호 - BF422

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BF422 MOTOROLA-BF422 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
KEC(Korea Electronics)
BF422 KEC-BF422 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
ON Semiconductor
BF422 ONSEMI-BF422 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
77Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

유사한 설명 - BF422

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_12 Datasheet
193Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
   High voltage driver application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com