전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDS1001AF2 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KDS1001AF2
상세설명  Laser beam focusing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KDS1001AF2 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KDS1001AF2_06 Datasheet HTML 1Page - KODENSHI_AUK CORP. KDS1001AF2_06 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN Photodiode
KDS1001AF2
60
900
Wavelength(λ)
600
500
0
400
700 800
1100(㎚)
1000
20
40
80
100
(%)
(㎀)
R
V = 1V
Ambient Temperature(Ta)
0
10
1
-20
10
10
2
3
10
4
60
20
40
(℃)
100
80
Dark Current Vs.
Ambient Temperature
10
10
-2
(lx)
V
Illuminance E
10
1
2
10
4
3
10
10
-1
0
10
10
1
(㎂)
-40
+4
0
Relative intensity(%)
100
50
0
50
100
50
Angle(deg.)
+20
0
-20
10
Reverse Voltage V
05
10
0
25
(V)
30
15
20
Reverse Voltage
Dark Current Vs.
10
2
10
1
10
3
(㎁)
R
Ta=25℃
Illuminance
Short Circuit Current Vs.
Relative Sensitivity Vs.
Wavelengh
50
15
0
010
5
10
20
30
40
(V)
25
20
Ta=25℃
Capacitance Between Terminals Vs.
Reverse Voltage
(㎊)
Ta=25℃
Reverse Voltage VR
f=1㎒
Ta=25℃
0
0
(℃)
100
80
60
40
20
Ambient Temperature(Ta)
Power Dissipation Vs.
20
(㎽)
Ambient Temperature
10
30
40
50
- 2 -


유사한 부품 번호 - KDS1001AF2_06

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KDS1001AF2 KODENSHI-KDS1001AF2 Datasheet
29Kb / 1P
   PIN Photodiode
More results

유사한 설명 - KDS1001AF2_06

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
   Laser Beam Printer
logo
Pepperl+Fuchs Inc.
OBE1000-R2-SE2-L PF-OBE1000-R2-SE2-L Datasheet
789Kb / 4P
   Laser thru-beam sensor
OBE1000-R3-SE0-L PF-OBE1000-R3-SE0-L Datasheet
772Kb / 4P
   Laser thru-beam sensor
OBE20M-R101-SEP-IO-V3-L PF-OBE20M-R101-SEP-IO-V3-L Datasheet
703Kb / 5P
   Laser thru-beam sensor
OBE10M-R2-SE2-L PF-OBE10M-R2-SE2-L Datasheet
790Kb / 4P
   Laser thru-beam sensor
OBE40M-R201-S2EP-IO-V1-L PF-OBE40M-R201-S2EP-IO-V1-L Datasheet
610Kb / 5P
   Laser thru-beam sensor
OBE10M-R103-S2EP-IO PF-OBE10M-R103-S2EP-IO Datasheet
422Kb / 4P
   Laser thru-beam sensor
OBE40M-R200-S2EP-IO-L PF-OBE40M-R200-S2EP-IO-L Datasheet
568Kb / 4P
   Laser thru-beam sensor
OBE40M-R200-S2EP-IO-V1-L PF-OBE40M-R200-S2EP-IO-V1-L Datasheet
623Kb / 5P
   Laser thru-beam sensor
OBE10M-R2-SE0-L PF-OBE10M-R2-SE0-L Datasheet
790Kb / 4P
   Laser thru-beam sensor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com