전자부품 데이터시트 검색엔진 |
|
TMP103DYFFT 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
TMP103DYFFT 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 23 page TMP103 SBOS545A – FEBRUARY 2011 – REVISED MARCH 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION (1) PACKAGE PACKAGE ORDERING PRODUCT ADDRESS PACKAGE-LEAD DESIGNATOR MARKING NUMBER TMP103AYFFR TMP103A 1110000 DSBGA-4 YFF TA TMP103AYFFT TMP103BYFFR TMP103B 1110001 DSBGA-4 YFF TB TMP103BYFFT TMP103CYFFR TMP103C 1110010 DSBGA-4 YFF TC TMP103CYFFT TMP103DYFFR TMP103D 1110011 DSBGA-4 YFF TD TMP103DYFFT TMP103EYFFR TMP103E 1110100 DSBGA-4 YFF TE TMP103EYFFT TMP103FYFFR TMP103F 1110101 DSBGA-4 YFF TF TMP103FYFFT TMP103GYFFR TMP103G 1110110 DSBGA-4 YFF TG TMP103GYFFT TMP103HYFFR TMP103H 1110111 DSBGA-4 YFF TH TMP103HYFFT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device prodict folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) TMP103 UNIT Supply Voltage 3.6 V Input Voltage(2) –0.3 to (V+) + 0.3 V Operating Temperature –55 to +150 °C Storage Temperature –60 to +150 °C Junction Temperature +150 °C Human Body Model (HBM) 2000 V ESD Rating Charged Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input voltage rating applies to all TMP103 input voltages. 2 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): TMP103 |
유사한 부품 번호 - TMP103DYFFT |
|
유사한 설명 - TMP103DYFFT |