전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT4401 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 PZT4401
상세설명  Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT4401 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT4401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT4401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT4401
NPN Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZT4401 is designed for general
purpose switching and amplifier applications.
4 4 0
Description
Date Code
B
C
E
1
Features
*High Power Dissipation: 1500mW at 25 C
o
*High DC Current Gain: 100~300 at 150mA
*Complementary to PZT4403
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC= 100µA
IC= 1mA
IE= 10µA
VCE= 35V,VBE=0.4V
IC=
VCE= V, IC=
VCE=
V, IC= 20mA,f=100MHz
VCB= 5 , f=1MHz
*BVCEO
40
-
-
V
BVEBO
-
-
V
ICES
-
-
100
nA
-
-
*VCE(sat)1
-
*hFE1
300
*hFE2
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
60
5
40
750
80
950
1.2
400
mV
150mA,IB=15mA
1
0.1 mA
VCE= V, IC=
1
1mA
10
V
C
-
750
20
100
-
40
250
6.5
-
*Pulse width 380 s, Duty Cycle 2%
µ
-
-
*VCE(sat)2
Base Satruation Voltage
*VBE(sat)1
*VBE(sat)2
*hFE3
*hFE4
*hFE5
mV
mV
V
-
-
-
-
-
-
-
-
-
-
IC=500mA,IB=50mA
IC=150mA,IB=15mA
IC=500mA,IB=50mA
VCE= V, IC=
1
10 mA
VCE= V, IC=
1
150mA
VCE= V, IC=
2
500mA
Classification of hFE4
o
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current (Continous)
5
1.5
55~+150
40
60
600
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C
o
Rank
Q
R
100~210
190~300
Range
5
1.40
1.80
Mi
llimeter
Mi
llimeter
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70


유사한 부품 번호 - PZT4401

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZT4401 PHILIPS-PZT4401 Datasheet
62Kb / 8P
   NPN switching transistor
1999 May 10
PZT4401 NXP-PZT4401 Datasheet
129Kb / 7P
   NPN switching transistor
1999 May 10
logo
SHENZHEN YONGERJIA INDU...
PZT4401 WINNERJOIN-PZT4401 Datasheet
166Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
PZT4401 JIANGSU-PZT4401 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZT4401 MCC-PZT4401 Datasheet
552Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

유사한 설명 - PZT4401

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
   Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
   Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
   Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
   Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
   Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
   Epitaxial Planar Transistor
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com