전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1062NG-D16-T 데이터시트(PDF) 11 Page - Unisonic Technologies

부품명 TEA1062NG-D16-T
상세설명  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062NG-D16-T 데이터시트(HTML) 11 Page - Unisonic Technologies

Back Button TEA1062NG-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 7Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 8Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 9Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 10Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 11Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 12Page - Unisonic Technologies TEA1062NG-D16-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R108-011.C
4
9
QR
VEE
9
4
QR
VEE
4
9
QR
VEE
(2)
(1)
(a)
(b)
(c)
Fig.11 Alternative receiver arrangement
(a) Dynamic earpiece.
(b) Magnetic earpiece. The resistor marked(1) may be connected to prevent distortion(inductive load)
(c) Piezoelectric earpiece. The earpiece marked(2) is required to increase the phase margin (capacitive load)
-6
-4
-2
0
0
20406080
100
120
140
Iline (mA)
R9=20
78.7k
110k
140k
(1) (2) (3)
(3)
(1)
(2)
R6=
R6=
R6=
Fig. 12 Variation of gain with line current, with R6 as a parameter.
→Gv
(dB)
R6=∞
Rexch(
Ω)
400
600
800
1000
R6(k
Ω)
36
100
78.7
×
×
Vexch(V)
48
140
110
93.1
82
60
×
×
120
102
Table 1 Values of resistor R6 for optimum line loss compensation for various usual values of exchange
supply voltage (Vexch) and exchange feeding bridge resistance(Rexch);R9=20
Ω.
10
6
11
7
12
13
1
4
5
2
3
16
8
15
14
9
MIC-
MIC+
REG AGC STAB SLPE
GAS2
GAS1
GAR
QR
LN
VCC
VEE
IR
DTMF
MUTE
R1 620
Ω
100
μF
C4
100pF
C7 1nF
C6
100pF
R4
100k
Ω
R7
68k
Ω
R9
20
Ω
R5
3.6k
Ω
R6
C3
4.7
μF
10
μF
C1
100
μF
Vi
Vi
RL
600
Ω
C8 1nF
10 TO 140 mA
Vo
Fig.13 Test circuit defining voltage gain of MIC+, MIC- and DTMF inputs.


유사한 부품 번호 - TEA1062NG-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TEA1062NG-D16-T UTC-TEA1062NG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

유사한 설명 - TEA1062NG-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com