전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

742861160 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 742861160
상세설명  Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742861160 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742861160 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742861160 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742861160 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
Die Verpackung ist bezogen auf die internationale Norm
IEC 60286 -3:2007
Packaging is referred to the international standard
IEC 60286 -3:2007
Bauform /
size
Bandbreite /
band width
VPE
Teilenummer/
Part no.
0603
8mm
4000
742 86x xxx
Refer to the Würth Elektronik eiSos STANDARD REFLOW SOLDER PROFILE
SMu
Version 3
09-10-23
SMu
Version 2
09-08-13
SMU
Version 1
09-01-15
Name
Änderung / modification
Datum / date
Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
Spezifikation für Freigabe / specification for release
Kunde / customer :
J Lötprofil / Solder specification :
...........................................................................
.........................................................................
Artikelnummer / part number :
742861160
Gurt Material /
tape material
paper
Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
DATUM / DATE : 2009-10-23
I Rollenspezifikation / Tape & Reel specification :
http://www.we-online.com
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Datum / date
Unterschrift / signature
Freigabe erteilt / general release:
Kunde / customer
...........................................................................
.........................................................................
Würth Elektronik
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
SEITE 3 VON 3


유사한 부품 번호 - 742861160

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742861118 WURTH-742861118 Datasheet
122Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
More results

유사한 설명 - 742861160

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742841160 WURTH-742841160 Datasheet
121Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742841210 WURTH-742841210 Datasheet
121Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742861118 WURTH-742861118 Datasheet
122Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742863147 WURTH-742863147 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863122 WURTH-742863122 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742862160 WURTH-742862160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742861210 WURTH-742861210 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863160 WURTH-742863160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
744045006 WURTH-744045006 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045471 WURTH-744045471 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com