전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-1000 데이터시트(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

부품명 SD-1000
상세설명  1000W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000 데이터시트(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SD-1000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.OutputOKsignal
"OutputOK"isanopencollectorsignal.
ItindicatestheoutputstatusofthePSU.Itcanoperate
intwoways:Oneissinkingcurrentfromexternalsignal ;
theotherissendingoutavoltagesignal.
Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis13V.
2-1Sinkcurrent:
2-2Voltagesignal:
BetweenO/P OK(pin3)andGND(pin4)
0~0.5V
12~13V
OutputStatus
ON
OFF
S D - 1 0 0 0 series
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
Fig3.1
Fig2.1
-
+
LOAD
-S
(pin2)
Senselinesshould
betwistedinpairs
+S
(pin1)
3.RemoteSense
FileName:SD-1000-SPEC2010-10-18
1000WSingleOutputDC-DCConverter
-V
+V
+S
+S
O/P OK
O/P OK
AUX
AUX
RC1
RC1
RCG
RCG
-S
-S
GND
GND
AUXG
AUXG
RC2
RC2
NC
NC
1
1
9
9
2
2
10
10
CN51
CN51
TB1
TB1
SVR51
SVR51
CN51
CN51
21
109
21
109
CN51
CN51
-V
+V


유사한 부품 번호 - SD-1000

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-1000 MEANWELL-SD-1000 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD-1000 ETC2-SD-1000 Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
Mean Well Enterprises C...
SD-1000H-12 MEANWELL-SD-1000H-12 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
More results

유사한 설명 - SD-1000

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-1000_1109 MEANWELL-SD-1000_1109 Datasheet
230Kb / 4P
   1000W Single Output DC-DC Converter
SD-1000 MEANWELL-SD-1000 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com