전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC372 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BC372
상세설명  High Voltage Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC372 데이터시트(HTML) 2 Page - ON Semiconductor

  BC372 Datasheet HTML 1Page - ON Semiconductor BC372 Datasheet HTML 2Page - ON Semiconductor BC372 Datasheet HTML 3Page - ON Semiconductor BC372 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC372, BC373
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage(1)
(IC = 100 mAdc, IB = 0)
BC372
BC373
V(BR)CES
100
80
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
BC372
BC373
V(BR)CBO
100
80
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BC372
(VCB = 60 Vdc, IE = 0)
BC373
ICBO
100
100
nAdc
Emitter Cutoff Current
(VEB = 10 V, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 250 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
hFE
8.0
10
160
K
Collector − Emitter Saturation Voltage
(IC = 250 mAdc, IB = 0.25 mAdc)
VCE(sat)
1.0
1.1
Vdc
Base − Emitter Saturation Voltage
(IC = 250 mAdc, IB = 0.25 mAdc)
VBE(sat)
1.4
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain Bandwidth Product
(IC = 100 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
200
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
10
25
pF
Noise Figure
(IC = 1.0 mAdc, VCE = 5.0 Vdc, Rg = 100 kW, f = 1.0 kHz)
NF
2.0
dB
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.


유사한 부품 번호 - BC372

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC372 MOTOROLA-BC372 Datasheet
107Kb / 4P
   High Voltage Darlington Transistors
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
   High Voltage Darlington Transistors
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
   High Voltage Darlington Transistors
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
BC372G ONSEMI-BC372G Datasheet
53Kb / 4P
   High Voltage Darlington Transistors
January, 2006 ??Rev. 3
More results

유사한 설명 - BC372

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC372 MOTOROLA-BC372 Datasheet
107Kb / 4P
   High Voltage Darlington Transistors
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
   High Voltage Darlington Transistors
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
   High Voltage Darlington Transistors
logo
SanRex Corporation
QCA100AA100 SANREX-QCA100AA100 Datasheet
105Kb / 2P
   High power Darlington Transistors.
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP_05 Datasheet
496Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
BU941ZP STMICROELECTRONICS-BU941ZP_08 Datasheet
486Kb / 11P
   High voltage ignition coil driver NPN power Darlington transistors
BU931 STMICROELECTRONICS-BU931_1 Datasheet
786Kb / 13P
   High voltage ignition coil driver NPN power Darlington transistors
BU941 STMICROELECTRONICS-BU941_08 Datasheet
491Kb / 12P
   High voltage ignition coil driver NPN power Darlington transistors
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com