전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC490 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 BC490
상세설명  High Current Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC490 데이터시트(HTML) 5 Page - ON Semiconductor

  BC490 Datasheet HTML 1Page - ON Semiconductor BC490 Datasheet HTML 2Page - ON Semiconductor BC490 Datasheet HTML 3Page - ON Semiconductor BC490 Datasheet HTML 4Page - ON Semiconductor BC490 Datasheet HTML 5Page - ON Semiconductor BC490 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC490
http://onsemi.com
5
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
−1.0
−0.8
−0.6
−0.4
−0.2
0
TJ = 25°C
VBE(on) @ VCE = −1.0 V
VCE(sat) @ IC/IB = 10
−0.5
VBE(sat) @ IC/IB = 10
−1.0 −2.0
−5.0
−10
−20
−50 −100 −200
−500
IB, BASE CURRENT (mA)
Figure 12. Collector Saturation Region
−1.0
−0.8
−0.6
−0.4
−0.2
0
−0.1
−10
−1.0
TJ = 25°C
IC = −10 mA
−0.05
−0.2
−0.5
−2.0
−5.0
−20
−50
−100 mA
−250 mA −500 mA
IC, COLLECTOR CURRENT (mA)
Figure 13. Base−Emitter Temperature Coefficient
−0.8
−2.8
−1.0
−100
−10
RqVB for VBE
−0.5
−2.0
−5.0
−20
−50
−200
−1.2
−1.6
−2.0
−2.4
−500
−50
mA


유사한 부품 번호 - BC490

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
logo
Micro Electronics
BC490 MICRO-ELECTRONICS-BC490 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC490A MOTOROLA-BC490A Datasheet
249Kb / 6P
   High Current Transistors
More results

유사한 설명 - BC490

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com