전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC557BG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BC557BG
상세설명  Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC557BG 데이터시트(HTML) 4 Page - ON Semiconductor

  BC557BG Datasheet HTML 1Page - ON Semiconductor BC557BG Datasheet HTML 2Page - ON Semiconductor BC557BG Datasheet HTML 3Page - ON Semiconductor BC557BG Datasheet HTML 4Page - ON Semiconductor BC557BG Datasheet HTML 5Page - ON Semiconductor BC557BG Datasheet HTML 6Page - ON Semiconductor BC557BG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC556B, BC557A, B, C, BC558B
http://onsemi.com
4
BC556
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
−0.8
−1.0
−0.6
−0.2
−0.4
1.0
2.0
−0.1
−1.0
−10
−200
−0.2
0.2
0.5
−0.2
−1.0
−10
−200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = −5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
−1.0
−1.2
−1.6
−2.0
−0.02
−1.0
−10
0
−20
−0.1
−0.4
−0.8
−0.2
−2.0
−10
−200
−1.0
TJ = 25°C
IC =
−10 mA
VCE = −5.0 V
TA = 25°C
0
−0.5
−2.0
−5.0
−20
−50 −100
−0.05
−0.2
−0.5
−2.0
−5.0
−100 mA
−20 mA
−1.4
−1.8
−2.2
−2.6
−3.0
−0.5
−5.0
−20
−50 −100
−55°C to 125°C
qVB for VBE
−2.0 −5.0
−20
−50 −100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
−0.1 −0.2
−1.0
−50
2.0
−2.0
−10
−100
100
200
500
50
20
20
10
6.0
4.0
−1.0
−10
−100
VCE = −5.0 V
−0.5
−5.0
−20
TJ = 25°C
Cob
Cib
8.0
−50 mA
−200 mA


유사한 부품 번호 - BC557BG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC557BG ONSEMI-BC557BG Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
More results

유사한 설명 - BC557BG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com