전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC639G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BC639G
상세설명  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC639G 데이터시트(HTML) 2 Page - ON Semiconductor

  BC639G Datasheet HTML 1Page - ON Semiconductor BC639G Datasheet HTML 2Page - ON Semiconductor BC639G Datasheet HTML 3Page - ON Semiconductor BC639G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC637, BC639, BC639−16
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
BC637
BC639
V(BR)CEO
60
80
Vdc
Collector − Emitter Zero−Gate Breakdown Voltage(Note 1)
(IC = 100 mAdc, IB = 0)
BC639−16
V(BR)CES
120
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
BC637
BC639
V(BR)CBO
60
80
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
(VCB = 30 Vdc, IE = 0, TA = 125°C)
ICBO
100
10
nAdc
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 5.0 mAdc, VCE = 2.0 Vdc)
(IC = 150 mAdc, VCE = 2.0 Vdc)
BC637
BC639
BC639−16ZLT1
(IC = 500 mA, VCE = 2.0 V)
hFE
25
40
40
100
25
160
160
250
Collector − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.5
Vdc
Base − Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 50 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
7.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
50
pF
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
BC637G
TO−92
(Pb−Free)
5000 Units / Bulk
BC637RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
BC639G
TO−92
(Pb−Free)
5000 Units / Bulk
BC639RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
BC639ZL1G
TO−92
(Pb−Free)
2000 / Ammo Box
BC639−16ZL1G
TO−92
(Pb−Free)
2000 / Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - BC639G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC639G ONSEMI-BC639G Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

유사한 설명 - BC639G

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com