전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC4073Q 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 STC4073Q
상세설명  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC4073Q 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  STC4073Q Datasheet HTML 1Page - KODENSHI_AUK CORP. STC4073Q Datasheet HTML 2Page - KODENSHI_AUK CORP. STC4073Q Datasheet HTML 3Page - KODENSHI_AUK CORP. STC4073Q Datasheet HTML 4Page - KODENSHI_AUK CORP. STC4073Q Datasheet HTML 5Page - KODENSHI_AUK CORP. STC4073Q Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T5A007-000
1
STC4073Q
NPN Silicon Transistor
SOT-223
PIN Connection
Descriptions
• General purpose amplifier
• High voltage application
Features
• High collector breakdown voltage
: VCEO = 120V
• Low collector saturation voltage
: VCE(sat)=0.5V(MAX.)
Ordering Information
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
120
V
Collector-Emitter voltage
VCEO
120
V
Emitter-Base voltage
VEBO
6
V
IC
1
A(DC)
Collector current
ICP*
2
A(Pulse)
PC
1.1
Collector power dissipation
PC**
1.5
W
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* : Single pulse, tp= 300
** : When mounted on ceramic substrate(250
㎟×0.8t)
Type No.
Marking
Package Code
STC4073Q
STC4073
YWW
SOT-223
STC4073: DEVICE CODE, YWW(Y : Year code, WW : Weekly code)


유사한 부품 번호 - STC4073Q

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
STC4073Q KODENSHI-STC4073Q Datasheet
420Kb / 6P
   General purpose amplifier
More results

유사한 설명 - STC4073Q

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com