전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC04A-200 데이터시트(PDF) 7 Page - Semtech Corporation

부품명 TC04A-200
상세설명  Battery Tracking TransClamp For SLIC Linecard Protection?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC04A-200 데이터시트(HTML) 7 Page - Semtech Corporation

  TC04A-200 Datasheet HTML 1Page - Semtech Corporation TC04A-200 Datasheet HTML 2Page - Semtech Corporation TC04A-200 Datasheet HTML 3Page - Semtech Corporation TC04A-200 Datasheet HTML 4Page - Semtech Corporation TC04A-200 Datasheet HTML 5Page - Semtech Corporation TC04A-200 Datasheet HTML 6Page - Semtech Corporation TC04A-200 Datasheet HTML 7Page - Semtech Corporation TC04A-200 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
TC04A-200
2
2
3
3
.415
Note 1: Controlling dimension : Inch (unless other wise specified).
Note 2: Dimensions A and B do not include mold protrusions. Mold
protrusions are .006" max.
Note 3: Dimensions apply before solder dip on parts requiring solder dip.
Note 1 : Controlling dimension is millimeters
Note 2 : Grid placement courtyard is 22 x 24 elements
(11mm x 12mm) in accordance with the international grid
detailed in IEC publication 97.
Outline Drawing - SO-16 WB
Land Pattern - SO-16 WB


유사한 부품 번호 - TC04A-200

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACOA TELCOM-TC04ACOA Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACZM TELCOM-TC04ACZM Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

유사한 설명 - TC04A-200

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TC03A-200 SEMTECH-TC03A-200 Datasheet
116Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com