전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF422G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BF422G
상세설명  High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF422G 데이터시트(HTML) 3 Page - ON Semiconductor

  BF422G Datasheet HTML 1Page - ON Semiconductor BF422G Datasheet HTML 2Page - ON Semiconductor BF422G Datasheet HTML 3Page - ON Semiconductor BF422G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF422
http://onsemi.com
3
Figure 1. DC Current Gain
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Ceb @ 1MHz
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
80
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
1.0
IC, COLLECTOR CURRENT (mA)
Figure 3. Current−Gain − Bandwidth
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
100
1.0
Ccb @ 1MHz
60
40
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ -55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ -55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ -55°C, VCE = 10 V
Figure 4. ”ON” Voltages
IC, COLLECTOR CURRENT (mA)
120
0.1
1.0
10
100
80
60
0
TJ = +125°C
25
°C
-55
°C
VCE = 10 Vdc
100
20
40


유사한 부품 번호 - BF422G

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BF422G-T92-B UTC-BF422G-T92-B Datasheet
316Kb / 4P
   HIGH VOLTAGE TRANSISTOR
BF422G-T92-K UTC-BF422G-T92-K Datasheet
316Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

유사한 설명 - BF422G

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com