전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF720T1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BF720T1G
상세설명  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF720T1G 데이터시트(HTML) 1 Page - ON Semiconductor

  BF720T1G Datasheet HTML 1Page - ON Semiconductor BF720T1G Datasheet HTML 2Page - ON Semiconductor BF720T1G Datasheet HTML 3Page - ON Semiconductor BF720T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2010
September, 2010 -- Rev. 7
1
Publication Order Number:
BF720T1/D
BF720T1G, BF720T3G
NPN Silicon Transistor
Features
These Devices are Pb--Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector -- Emitter Voltage
VCEO
300
Vdc
Collector -- Base Voltage
VCBO
300
Vdc
Collector -- Emitter Voltage
VCER
300
Vdc
Emitter -- Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation up to TA =25C
PD
1.5
W
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
150
C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction--to--Ambient (Note 1)
RθJA
83.3
C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in. x
0.059 in.; mounting pad for the collector lead min. 0.93 in2.
SOT--223 (TO--261)
CASE 318E
STYLE 1
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
AYW
DC G
G
BF720T1G
SOT--223
(Pb--Free)
1000 / Tape & Reel
A
= Assembly Location
Y
= Year
W
= Work Week
DC = Device Code
G
= Pb--Free Package
(Note: Microdot may be in either location)
NPN SILICON TRANSISTOR
SURFACE MOUNT
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
COLLECTOR 2,4
BASE
1
EMITTER 3
BF720T3G
SOT--223
(Pb--Free)
4000 / Tape & Reel


유사한 부품 번호 - BF720T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BF720T1G ONSEMI-BF720T1G Datasheet
108Kb / 4P
   NPN Silicon Transistor
November, 2011 ??Rev. 8
BF720T1G ONSEMI-BF720T1G_11 Datasheet
108Kb / 4P
   NPN Silicon Transistor
November, 2011 ??Rev. 8
More results

유사한 설명 - BF720T1G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com