전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEUL 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 CDEUL
상세설명  CDEUL Series - Extended Range Buffer Networks (Inductive Input)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

CDEUL 데이터시트(HTML) 2 Page - Tyco Electronics

  CDEUL Datasheet HTML 1Page - Tyco Electronics CDEUL Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
CDEUL Series - ERBN (Inductive Input) (continued)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
A
E
C
D
B
Mounting Brackets
Area for Conduit Penetration
Removable Cover
Removable Cover
RF
Gasket
2
For optional legs, refer to page 24
Center mounting
bracket not installed
on all sizes
# Filtered phases
Dimensions
Weight
@ rated current
A
B
C
D
E
(Pounds/KG)
2 @ 10A
14.0
30.0
6.0
22.0
16.0
95
355.6
762.0
152.4
558.8
406.4
43.1
3 @ 10A
20.0
30.0
6.0
22.0
22.0
100
508.0
762.0
152.4
558.8
558.8
45.4
4 @ 10A
26.0
30.0
6.0
22.0
28.0
120
660.4
762.0
152.4
558.8
711.2
54.4
2 @ 30A
16.0
38.0
8.0
26.0
18.0
170
406.4
965.2
203.2
660.4
457.2
77.1
3 @ 30A
23.0
38.0
8.0
26.0
25.0
240
584.2
965.2
203.2
660.4
635.0
108.9
4 @ 30A
30.0
38.0
8.0
26.0
32.0
300
762.0
965.2
203.2
660.4
812.8
136.1
2 @ 60 or 100A
16.0
44.0
10.0
32.0
18.0
240
406.4
1117.6
254.0
812.8
457.2
108.9
3 @ 60 or 100A
23.0
44.0
10.0
32.0
25.0
310
584.2
1117.6
254.0
812.8
635.0
140.6
4 @ 60 or 100A
30.0
44.0
10.0
32.0
32.0
400
762.0
1117.6
254.0
812.8
812.8
181.4
2 @ 150A
16.0
54.0
14.0
42.0
18.0
320
406.4
1371.6
355.6
1066.8
457.2
145.1
3 @ 150A
23.0
54.0
14.0
42.0
25.0
430
584.2
1371.6
355.6
1066.8 635.0
195.0
4 @ 150A
30.0
54.0
14.0
42.0
32.0
650
762.0
1371.6
355.6
1066.8
812.8
294.8
# Filtered phases
Dimensions
Weight
@ rated current
A
B
C
D
E
(Pounds/KG)
2 @ 225A
16.0
54.0
14.0
42.0
18.0
380
406.4
1371.6
355.6
1066.8
457.2
172.4
3 @ 225A
23.0
54.0
14.0
42.0
25.0
520
584.2
1371.6
355.6
1066.8 635.0
235.9
4 @ 225A
30.0
54.0
14.0
42.0
32.0
700
762.0
1371.6
355.5
1066.8
812.8
317.5
2 @ 400A
22.0
64.0
26.0
61.5
24.0
800
558.8
1625.6
660.4
1562.1
609.6
362.9
3 @ 400A
30.0
64.0
26.0
61.5
32.0
1100
762.0
1625.6
660.4
1562.1
812.8
498.9
4 @ 400A
38.0
64.0
26.0
61.5
40.0
1400
965.2
1625.6
660.4
1562.1
1016.0
635.0
2 @ 800A
38.0
70.0
26.0
67.5
40.0
1400
965.2
1778.0
660.4
1714.5
1016.0
635.0
3 @ 800A
56.0
70.0
26.0
67.5
58.0
2100
1422.4 1778.0
660.4
1714.5
1473.2
952.5
4 @ 800A
72.0
70.0
26.0
67.5
74.0
2600
1828.8 1778.0
660.4
1714.5 1879.6
1179.3
2 @ 1000 or 1200A
56.0
70.0
26.0
67.5
58.0
2000
1422.4 1778.0
660.4
1714.5
1473.2
907.2
3 @ 1000 or 1200A
82.0
70.0
26.0
67.5
84.0
3000
2082.8 1778.0
660.4
1714.5
2133.6
1360.8
4 @ 1000 or 1200A
106.0
70.0
26.0
67.5
108.0
3800
2692.4 1778.0
660.4
1714.5 2743.2
1723.6
Recommended torque for fasteners on removable cover: 25 in. lb. ± 3 in. lb.
Max. Operating Voltage
A6:
120/208V, 60 Hz
B6:
277/480V, 60 Hz
A4*:
120/208V, 400 Hz
*400Hz filters available upon request. Will require external power factor correction coil.
Please contact TE Connectivity Application Engineering 847-573-6517.


유사한 부품 번호 - CDEUL

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
CDEUL401000A4-S-L MACOM-CDEUL401000A4-S-L Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
CDEUL401000A6-S-L MACOM-CDEUL401000A6-S-L Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
CDEUL401000B6-S-L MACOM-CDEUL401000B6-S-L Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
More results

유사한 설명 - CDEUL

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
TECUL MACOM-TECUL Datasheet
381Kb / 2P
   TECUL Series - Extended Range Buffer Networks (Inductive Input)
CDEUX MACOM-CDEUX Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX MACOM-CDEUX_11 Datasheet
352Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDSUX-C MACOM-CDSUX-C Datasheet
224Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
   Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
   Inductive sensor With extended temperature range
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
logo
Bel Fuse Inc.
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com