전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX53CG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BDX53CG
상세설명  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX53CG 데이터시트(HTML) 4 Page - ON Semiconductor

  BDX53CG Datasheet HTML 1Page - ON Semiconductor BDX53CG Datasheet HTML 2Page - ON Semiconductor BDX53CG Datasheet HTML 3Page - ON Semiconductor BDX53CG Datasheet HTML 4Page - ON Semiconductor BDX53CG Datasheet HTML 5Page - ON Semiconductor BDX53CG Datasheet HTML 6Page - ON Semiconductor BDX53CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BDX53B, BDX53C (NPN), BDX54B, BDX54C (PNP)
http://onsemi.com
4
10,000
1.0
Figure 6. Small‐Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0
10
20
50
100
200
1000
500
300
100
5000
20
3000
200
500
2000
1000
30
50
TJ = 25°C
VCE = 3.0 V
IC = 3.0 A
300
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0
5.0
20
100
10
200
100
70
50
TJ = + 25°C
Cib
Cob
50
0.2
0.5
PNP
NPN
PNP
NPN
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5 0.7 1.0
2.0
10
500
300
TJ = 150°C
25
°C
-55
°C
VCE = 4.0 V
200
7.0
NPN
BDX53B, 53C
PNP
BDX54B, 54C
20,000
5000
10,000
3000
2000
1000
3.0
5.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5 0.7
1.0
2.0
10
500
300
TJ = 150°C
25
°C
-55
°C
200
7.0
20,000
5000
10,000
3000
2000
1000
3.0
5.0
VCE = 4.0 V
Figure 9. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0
3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0
3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10


유사한 부품 번호 - BDX53CG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BDX53CG ONSEMI-BDX53CG Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
BDX53CG ONSEMI-BDX53CG Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results

유사한 설명 - BDX53CG

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com