전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G17FW4-7 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 74LVC2G17FW4-7
상세설명  DUAL SCHMITT TRIGGER BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G17FW4-7 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC2G17FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G17FW4-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LVC2G17
DUAL SCHMITT TRIGGER BUFFER
74LVC2G17
Document number: DS35164 Rev. 3 - 2
6 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Parameter Measurement Information
VCC
Inputs
VM
CL
RL
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
30 pF
1 K
2.5V±0.2V
VCC
≤2ns
VCC/2
30 pF
500
3.3V±0.3V
3 V
≤2.5ns
1.5V
50 pF
500
5V±0.5V
VCC
≤2.5ns
VCC/2
50 pF
500
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


유사한 부품 번호 - 74LVC2G17FW4-7

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
74LVC2G17 NXP-74LVC2G17 Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results

유사한 설명 - 74LVC2G17FW4-7

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
[Old version datasheet]   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
   Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
   DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
[Old version datasheet]   SN74LVC2G17 Dual Schmitt-Trigger Buffer
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com