전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3282EMRTEP-T 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL3282EMRTEP-T
상세설명  RS-485/RS-422 Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EMRTEP-T 데이터시트(HTML) 8 Page - Intersil Corporation

  ISL3282EMRTEP-T Datasheet HTML 1Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 2Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 3Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 4Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 5Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 6Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 7Page - Intersil Corporation ISL3282EMRTEP-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ISL3282EMRTEP
8
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7595.1
February 15, 2011
For additional products, see www.intersil.com/product_tree
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
*For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page
on intersil.com: ISL3282EMRTEP
To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff
FITs are available from our website at: http://rel.intersil.com/reports/sear
FIGURE 16. RECEIVER WAVEFORMS
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
TRANSISTOR COUNT:
140
PROCESS:
Si Gate BiCMOS
Typical Performance Curves C
L = 15pF, TA = +25°C; Unless Otherwise Specified. (Continued)
TIME (20ns/DIV)
2.0
-2.0
0
0
1.0
A - B
2.0
3.0
4.0
VL = 1.5V
VL = 2.5V
VL = 3.3V
VCC = 3.3V
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest Rev.
DATE
REVISION
CHANGE
1/27/11
FN7595.1
In Figure 4 on page 6, corrected units of y axis from mA to µA.
2/26/10
FN7595.0
Initial Release.


유사한 부품 번호 - ISL3282EMRTEP-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3282EMRTEP-TK RENESAS-ISL3282EMRTEP-TK Datasheet
520Kb / 9P
   ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
More results

유사한 설명 - ISL3282EMRTEP-T

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com