전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22346 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL22346
상세설명  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL22346_09 Datasheet HTML 2Page - Intersil Corporation ISL22346_09 Datasheet HTML 3Page - Intersil Corporation ISL22346_09 Datasheet HTML 4Page - Intersil Corporation ISL22346_09 Datasheet HTML 5Page - Intersil Corporation ISL22346_09 Datasheet HTML 6Page - Intersil Corporation ISL22346_09 Datasheet HTML 7Page - Intersil Corporation ISL22346_09 Datasheet HTML 8Page - Intersil Corporation ISL22346_09 Datasheet HTML 9Page - Intersil Corporation ISL22346_09 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6177.2
September 3, 2009
VCCRamp VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T < +55°C
50
Years
tWC
(Note 19)
Non-volatile Write Cycle Time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer LOW Voltage
-0.3
0.3*VCC
V
VIH
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer HIGH Voltage
0.7*VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05*VCC
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin
(Note 20)
A2, A1, A0, SHDN, SDA, and SCL Pin
Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
Operating Specifications Over the recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22346


유사한 부품 번호 - ISL22346_09

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22346UFRT20Z INTERSIL-ISL22346UFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFRT20Z RENESAS-ISL22346UFRT20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFV20Z RENESAS-ISL22346UFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

유사한 설명 - ISL22346_09

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com