전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22346WFV20Z 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL22346WFV20Z
상세설명  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WFV20Z 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL22346WFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6177.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22346
Quad Digitally Controlled Potentiometers (XDCP™)
Low Noise, Low Power I2CBus,
128 Taps
The ISL22346 integrates four digitally controlled potentiometers
(DCP) and non-volatile memory on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as a three-terminal potentiometers
or as a two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four potentiometers in one package
• 128 resistor taps
•I2C serial interface
- Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70
Ω typical @ V
CC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω or 10kΩ total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T < +55°C
• 20 Ld TSSOP or 20 Ld TQFN package
• Pb-free (RoHS compliant)
Pinouts
ISL22346
(20 LD TSSOP)
TOP VIEW
ISL22346
(20 LD TQFN)
TOP VIEW
RW0
RL0
RH0
SHDN
VCC
A1
A0
RH1
RL1
RW1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
RH3
RL3
RW3
A2
SCL
SDA
GND
RW2
RL2
RH2
1
2
3
4
6
18
20 19
RL3
RH2
RW1
8
17
9
RH1
RW0
RL1
15
14
13
12
7
RL0
RH3
16
5
RW3
RL2
11
10
O
Data Sheet
September 3, 2009


유사한 부품 번호 - ISL22346WFV20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22346WFV20Z INTERSIL-ISL22346WFV20Z Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22346WFV20Z INTERSIL-ISL22346WFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346WFV20Z RENESAS-ISL22346WFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

유사한 설명 - ISL22346WFV20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com