전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28006FH-20EVAL1Z 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL28006FH-20EVAL1Z
상세설명  Micropower, Rail to Rail Input Current Sense Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH-20EVAL1Z 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL28006FH-20EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL28006
2
FN6548.5
May 23, 2011
Block Diagram
Pin Configurations
ISL28006-100, 50, 20
(5 LD SOT-23)
TOP VIEW
ISL28006-ADJ
(6 LD SOT-23)
TOP VIEW
GND
RS-
gmHI
gmLO
VSENSE
1.35V
IMIRROR
+
-
OUT
Rf
Rg
R1
R5
VCC
VSENSE
R2
R3
R4
I = 2.86µA
RS+
R4
HIGH-SIDE
LOW-SIDE
SENSING
AND
GND
RS-
gmHI
gmLO
VSENSE
1.35V
IMIRROR
+
-
OUT
R1
VCC
VSENSE
R2
R3
R4
I = 2.86µA
RS+
R4
HIGH-SIDE
LOW-SIDE
SENSING
AND
FB
FIXED GAIN PARTS
ADJUSTABLE GAIN PART
R5
Rf
Rg
1
2
3
5
4
VCC
OUT
GND
RS+
RS-
FIXED
GAIN
1
2
3
6
4
FB
OUT
VCC
GND
RS+
5RS-
ADJ.
GAIN
Pin Descriptions
ISL28006-100, 50, 20
(5 LD SOT-23)
ISL28006-ADJ
(6 LD SOT-23)
PIN NAME
DESCRIPTION
16
GND
Power Ground
1FB
Input Pin for External Resistors
2
2
OUT
Amplifier Output
33
VCC
Positive Power Supply
44
RS+
Sense Voltage Non-inverting Input
55
RS-
Sense Voltage Inverting Input
RS-
VCC
RS+
GND
CAPACITIVELY
COUPLED
ESD CLAMP
OUT
CAPACITIVELY
COUPLED
ESD CLAMP
FB


유사한 부품 번호 - ISL28006FH-20EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH-20EVAL1Z RENESAS-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

유사한 설명 - ISL28006FH-20EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com