전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28133FEZ-T7 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28133FEZ-T7
상세설명  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FEZ-T7 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28133FEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL28133
8
FN6560.5
July 22, 2011
FIGURE 17. GAIN vs FREQUENCY vs RL, VS = 1.6V
FIGURE 18. GAIN vs FREQUENCY vs RL, VS = 5V
FIGURE 19. GAIN vs FREQUENCY vs FEEDBACK RESISTOR
VALUES Rf/Rg
FIGURE 20. GAIN vs FREQUENCY vs VOUT, RL = OPEN
FIGURE 21. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 22. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open. (Continued)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
10k
100k
1M
10M
1k
100
V+ = 1.6V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
RL = 1k
RL = 10k
RL = 49.9k
RL = 100k RL = OPEN
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
10k
100k
1M
10M
1k
100
V+ = 5V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k
RL = 1k
RL = 10k
RL = OPEN
RL = 49.9k
0
1
2
3
4
5
6
7
8
9
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 5V
RL = 100k
AV = +2
VOUT = 10mVP-P
CL = 3.7pF
Rf = Rg = 100k
Rf = Rg = 10k
Rf = Rg = 1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
FREQUENCY (Hz)
V+ = 5V
RL = OPEN
AV = +1
CL = 3.7pF
1k
100
VOUT = 10mV
VOUT = 100mV
VOUT = 1V
VOUT = 250mV
VOUT = 500mV
-10
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 1
AV = 10
AV = 100
AV = 1000
V+ = 5V
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k
Rg = 10k, Rf = 100k
Rg = 100, Rf = 100k
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
10k
100k
1M
10M
1k
100
RL = 100k
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
V+ = 1.6V
V+ = 3.0V
V+ = 5.5V
V+ = 1.2V


유사한 부품 번호 - ISL28133FEZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FEZ-T7 RENESAS-ISL28133FEZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FEZ-T7A INTERSIL-ISL28133FEZ-T7A Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
More results

유사한 설명 - ISL28133FEZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com