전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL34340INZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL34340INZ
상세설명  WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34340INZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL34340INZ Datasheet HTML 1Page - Intersil Corporation ISL34340INZ Datasheet HTML 2Page - Intersil Corporation ISL34340INZ Datasheet HTML 3Page - Intersil Corporation ISL34340INZ Datasheet HTML 4Page - Intersil Corporation ISL34340INZ Datasheet HTML 5Page - Intersil Corporation ISL34340INZ Datasheet HTML 6Page - Intersil Corporation ISL34340INZ Datasheet HTML 7Page - Intersil Corporation ISL34340INZ Datasheet HTML 8Page - Intersil Corporation ISL34340INZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6255.1
June 23, 2008
POWER-DOWN SUPPLY CURRENT
Total 1.8V Power-Down Supply Current
RSTB = GND;
spec is per device
0.5
mA
Total 3.3V Power-Down Supply Current
1mA
PARALLEL INTERFACE
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Leakage Current
IIN
-10
±0.01
10
µA
High Level Output Voltage
VOH
IOH = -2.0mA, VDD_IO = 3V 0.8*VDD_IO
V
Low Level Output Voltage
VOL
IOL = 2.0mA, VDD_IO = 3V
0.2*VDD_IO
V
Output Short Circuit Current
IOSC
50
mA
Output Rise and Fall Times
tOR/tOF
Slew rate control set to min,
CL = 8pF
1ns
Slew rate control set to max,
CL = 8pF
4ns
SERIALIZER PARALLEL INTERFACE
PCLK_IN Frequency
fIN
640
MHz
PCLK_IN Duty Cycle
tIDC
40
50
60
%
Parallel Input Setup Time
tIS
3.6
ns
Parallel Input Hold Time
tIH
1.6
ns
DESERIALIZER PARALLEL INTERFACE
PCLK_OUT Frequency
fOUT
640
MHz
PCLK_OUT Duty Cycle
tODC
50
%
PCLK_OUT Period Jitter (RMS)
tOJ
Clock randomizer off
0.5
%tPCLK
PCLK_OUT Spread Width
tOSPRD
Clock randomizer on
±20
%tPCLK
Time to Parallel Output Data Valid
tDV
Relative to PCLK_OUT
-4.7
5.5
ns
Deserializer Output Latency
tCPD
Part-to-part,
side-channel disabled
4
9
14
PCLK
DESERIALIZER REFERENCE CLOCK (REF_CLK IS FED INTO PCLK_IN)
REF_CLK Lock Time
tPLL
100
µs
REF_CLK to PCLK_OUT Clock Maximum
Frequency Offset
PCLK_OUT is the
recovered clock
1500
5000
ppm
HIGH-SPEED TRANSMITTER
HS Differential Output Voltage, Transition Bit
VODTR
TXCN = 0x00
600
825
990
mVP-P
TXCN = 0x0F
1170
mVP-P
TXCN = 0xF0
975
mVP-P
TXCN = 0xFF
1300
mVP-P
HS Differential Output Voltage, Non-Transition
Bit
VODNTR TXCN = 0x00
600
825
990
mVP-P
TXCN = 0x0F
460
mVP-P
TXCN = 0xF0
975
mVP-P
TXCN = 0xFF
600
mVP-P
Electrical Specifications
Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16kΩ, High-speed AC-coupling
capacitor = 27nF. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISL34340


유사한 부품 번호 - ISL34340INZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
logo
Renesas Technology Corp
ISL34340INZ RENESAS-ISL34340INZ Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results

유사한 설명 - ISL34340INZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com