전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR543D 데이터시트(PDF) 2 Page - Rohm

부품명 2SAR543D
상세설명  Midium Power Transistors (-50V/-4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR543D 데이터시트(HTML) 2 Page - Rohm

  2SAR543D Datasheet HTML 1Page - Rohm 2SAR543D Datasheet HTML 2Page - Rohm 2SAR543D Datasheet HTML 3Page - Rohm 2SAR543D Datasheet HTML 4Page - Rohm 2SAR543D Datasheet HTML 5Page - Rohm 2SAR543D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SAR543D
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
-50
-
-
V
IC= -1mA
Collector-base breakdown voltage
BVCBO
-50
-
-
V
IC= -100μA
Emitter-base breakdown voltage
BVEBO
-6
-
-
V
IE= -100μA
Collector cut-off current
ICBO
--
-1
A VCB= -50V
Emitter cut-off current
IEBO
--
-1
A VEB= -4V
Collector-emitter staturation voltage
VCE(sat)
-
-200
-400
mV IC= -2A, IB= -100mA
DC current gain
hFE
180
-
450
-
VCE= -3V, IC= -100mA
Turn-on time
ton
-45
-
ns
Storage time
tstg
-
250
-
ns
Fall time
tf
-40
-
ns
*1 Pulsed
*2 See switching time test circuit
-pF
35
Collector output capacitance
Cob
VCB= -10V, IE=0A
f=1MHz
-
IC= -2A, IB1= -200mA,
IB2=200mA, VCC -10V
Conditions
VCE= -10V
IE=300mA, f=100MHz
Parameter
MHz
300
-
Transition frequency
fT
-
*2
*2
*2
~_
*1
*1
2/5
2010.12 - Rev.A


유사한 부품 번호 - 2SAR543D

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
More results

유사한 설명 - 2SAR543D

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR543D ROHM-2SCR543D Datasheet
501Kb / 6P
   Midium Power Transistors (50V / 4A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
2SCR513P5 ROHM-2SCR513P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 1V)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com