전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54065_0911 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL54065_0911
상세설명  Negative Signal Swing, Sub-ohm, Dual SPDT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54065_0911 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL54065_0911 Datasheet HTML 2Page - Intersil Corporation ISL54065_0911 Datasheet HTML 3Page - Intersil Corporation ISL54065_0911 Datasheet HTML 4Page - Intersil Corporation ISL54065_0911 Datasheet HTML 5Page - Intersil Corporation ISL54065_0911 Datasheet HTML 6Page - Intersil Corporation ISL54065_0911 Datasheet HTML 7Page - Intersil Corporation ISL54065_0911 Datasheet HTML 8Page - Intersil Corporation ISL54065_0911 Datasheet HTML 9Page - Intersil Corporation ISL54065_0911 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6583.2
November 3, 2009
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VEN = V+, VINH = 1.0V, VINL = 0.4V (Note 4),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6)
UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or
VNC = (V+ -6.5V) to V+ (see Figure 5)
25
-
1.87
-
Ω
Full
-
1.97
-
Ω
rON Matching Between Channels,
ΔrON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage
at max rON (Note 8)
25
-
16
-
m
Ω
Full
-
30
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 100mA, VNO or
VNC = (V+ -6.5V) to V+, (Note 7)
25
-
1.34
-
Ω
Full
-
1.43
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
145
-
ns
Full
-
150
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
20
-
ns
Full
-
22
-
ns
Break-Before-Make Time Delay, tD
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω,
CL = 35pF (see Figure 3)
Full
-
130
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
40
-
pC
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 7)
25
-
36
-
pF
COMx ON Capacitance, CCOM(ON) f = 1MHz (see Figure 7)
25
-
88
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.4
V
Input Voltage High, VINH
25
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Full
-
0.19
-
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NC1 and NC2 or between NO1 and NO2.
9. Limits established by characterization and are not production tested.
ISL54065


유사한 부품 번호 - ISL54065_0911

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
More results

유사한 설명 - ISL54065_0911

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com