전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54064IRTZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL54064IRTZ-T
상세설명  Negative Signal Swing, Sub-ohm, Dual SPST
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54064IRTZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL54064IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54064IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6582.1
November 3, 2009
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low rON switch. Alternatively, connecting
external Schottky diodes from the V+ rail to the signal pins
will shunt the fault current through the Schottky diode
instead of through the internal ESD diodes, thereby
protecting the switch. These Schottky diodes must be sized
to handle the expected fault current..
Power-Supply Considerations
The ISL54063 and ISL54064 construction is typical of most
single supply CMOS analog switches which have two supply
pins: V+ and GND. V+ and GND provide the CMOS switch
bias and sets their analog voltage limits. Unlike switches with
a 5.5V maximum supply voltage, the ISL54063 and
ISL54064 have a 6.5V maximum supply voltage providing
plenty of head room for the 10% tolerance of 5V supplies
due to overshoot and noise spikes.
The minimum recommended supply voltage is 1.8V. It is
important to note that the input signal range, switching times,
and ON-resistance degrade at lower supply voltages. Refer
to the “Electrical Specifications” tables, beginning on page 4,
and “Typical Performance Curves”, beginning on page 11,
for details.
V+ and GND also power the internal logic and level shifters.
The level shifters convert the input logic levels to V+ and
GND signals levels to drive the analog switch gate terminals.
A high frequency decoupling capacitor placed as close to the
V+ and GND pin as possible is recommended for proper
operation of the switch. A value of 0.1µF is highly
recommended.
Negative Signal Swing Capability
The ISL54063 and ISL54064 contains circuitry that allows
the analog switch signal to swing below ground. The device
has an analog signal range of 6.5V below V+ up to the V+
rail (see Figure 14) while maintaining low rON performance.
For example, if V+ = 5V, then the analog input signal range is
from -1.5V to +5V. If V+ = 2.7V then the range is from -3.8V
to +2.7V.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.45V VOLMAX
and 1.35V VOHMIN) over a supply range of 1.8V to 3.3V
(see Figure 16). At 3.3V the VIL level is 0.5V maximum. This
is still below the 1.8V CMOS guaranteed low output
maximum level of 0.45V, but noise margin is reduced. At
3.3V the VIH level is 1.4V minimum. While this is above the
1.8V CMOS guaranteed high output minimum of 1.35V
under most operating conditions the switch will recognize
this as a valid logic high.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation. The ISL54063 and
ISL54064 have been designed to minimize the supply
current whenever the digital input voltage is not driven to the
supply rails (0V to V+). For example driving the device with
2.85V logic high while operating with a 4.2V supply the
device draws only 1µA of current.
High-Frequency Performance
In 50
Ω systems, the ISL54063 and ISL54064 have an ON
switch -3dB bandwidth of 60MHz (see Figure 19). The
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An OFF switch acts like a capacitor across the open
terminals and AC couples higher frequencies, resulting in
signal feed-through from a switch’s input to its output.
Off-Isolation is the resistance to this feed-through. Crosstalk
indicates the amount of feed-through from one switch
channel to another switch channel. Figure 20 details the high
Off-Isolation and Crosstalk rejection provided by this part. At
100kHz, Off-Isolation is about 60dB in 50
Ω systems,
decreasing approximately 20dB per decade as frequency
increases. At 1MHz, Crosstalk is about -75dB in 50
Ω
systems, decreasing approximately 20dB per decade as
frequency increases.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin, V+ and GND. One of these
diodes conducts if any analog signal exceeds the
recommended analog signal range.
Virtually all the analog switch leakage current comes from
the ESD diodes and reversed biased junctions in the switch
cell. Although the ESD diodes on a given signal pin are
identical and therefore fairly well balanced, they are reverse
biased differently. Each is biased to either the +Ring or -Ring
and the analog input signal. This means their leakages will
vary as the signal varies. The difference in the two diode
leakages to the +Ring or -Ring and the reverse biased
junctions at the internal switch cell constitutes the
analog-signal-path leakage current.
GND
VCOMx
VNCx
V+
LOGIC
INPUTS
VNOx
-RING
+RING
CLAMP
1k
Ω
OR
FIGURE 8. OVERVOLTAGE PROTECTION
ISL54063, ISL54064


유사한 부품 번호 - ISL54064IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54064IRTZ-T INTERSIL-ISL54064IRTZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54064IRTZ-T INTERSIL-ISL54064IRTZ-T Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54064IRTZ-T RENESAS-ISL54064IRTZ-T Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results

유사한 설명 - ISL54064IRTZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com