전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54222AIRU1Z-T 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL54222AIRU1Z-T
상세설명  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRU1Z-T 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL54222AIRU1Z-T Datasheet HTML 1Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 2Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 3Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 4Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 5Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 6Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 7Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 8Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6902.1
February 4, 2010
ON Leakage Current,
IHSD2x(ON)
VDD = 3.3V, SEL = VDD, OE = 0V,
VDx= 0.3V, 3V, VHSD2x =0.3V, 3V,
VHSD1X = 3V, 0.3V
25
-20
4.4
20
nA
Full
-25
-
25
nA
Power OFF Leakage Current,
IOFF
VDD = 0V, VD+ = 0V to 5.25V, VD-= 0V
to 5.25V
25
-
0.008
0.025
µA
Full
-
-
0.65
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, VINPUT = 3V, RL = 500Ω,
CL = 50pF (Figure 1)
25
-
25
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, VINPUT = 3V, RL = 500Ω,
CL = 50pF (Figure 1)
25
-
17
-
ns
Break-Before-Make Time Delay, tD VDD = 3.3V, VINPUT = 3V, RL = 500Ω,
CL = 50pF (Figure 2)
25
-
17
-
ns
Turn-ON Enable Time, tENABLE VDD = 3.3V, VINPUT = 3V, RL = 15KΩ,
CL = 50pF, Time out of All-Off state
25
-
37
-
ns
Turn-OFF Disable Time,
tDISABLE
VDD = 3.3V, VINPUT = 3V, RL = 15kΩ,
CL = 50pF, Time into All-Off state, Time
is highly dependent on the load (RL,CL)
time constant.
25
-
96
-
ns
Skew, (tSKEWOUT - tSKEWIN) VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V,
RL = 45Ω, CL = 10pF, tR = tF = 500ps at
480Mbps, (Duty Cycle = 50%)
(Figure 6)
25
-
50
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V,
RL = 45Ω, CL = 10pF, (Figure 6)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz
(see Figure 5)
25
-
-31
-
dB
OFF-Isolation
VDD = 3.3V, OE = 3.3V, RL = 50Ω,
f = 240MHz
25
-
-28
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω 25
-
780
-
MHz
OFF Capacitance, CHSxOFF
f = 1MHz, VDD = 3.3V, SEL = 0V,
OE = 3.3V, VHSD1x or VHSD2x = VDx = 0V
(Figure 4)
25
-
2.6
-
pF
COM ON Capacitance,
CDX(ON)
f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V,
OE = 0V, VHSD1x or VHSD2x = VDx = 0V
(Figure 4)
25
-
6.7
-
pF
COM ON Capacitance,
CDX(ON)
f = 240MHz, VDD = 3.3V, SEL = 0V or
3.3V, OE = 0V, VHSD1x or VHSD2x =
VDx = 0V (Figure 4)
25
-
4.2
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
1.8
3.3
V
Positive Supply Current, IDD VDD = 3.3V, SEL = 0V or VDD, OE = 0V
25
-
32
43
µA
Full
-
-
50
µA
Positive Supply Current, IDD
(Low Power State)
VDD = 3.3V, SEL = 0V or VDD, OE = VDD 25
-
0.77
1
µA
Full
-
-
1.5
µA
Electrical Specifications - 1.8V to 3.3V Supply
Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH =1.4V, VOEL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
ISL54222A


유사한 부품 번호 - ISL54222AIRU1Z-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54222AIRU1Z-T INTERSIL-ISL54222AIRU1Z-T Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRU1Z-T RENESAS-ISL54222AIRU1Z-T Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

유사한 설명 - ISL54222AIRU1Z-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com