전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54222AIUZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54222AIUZ
상세설명  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIUZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54222AIUZ Datasheet HTML 1Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 2Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 3Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 4Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 5Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 6Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 7Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 8Page - Intersil Corporation ISL54222AIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6902.1
February 4, 2010
Pin Configurations
ISL54222A
(10 LD 1.8X1.4 µTQFN)
TOP VIEW
ISL54222A
(10 LD 2.1X1.6 µTQFN)
TOP VIEW
ISL54222A
(10 LD 3X3 TDFN)
TOP VIEW
ISL54222A
(10 LD MSOP)
TOP VIEW
NOTE:
1. Switches Shown for SEL = Logic “1” and OE = Logic “0”.
8
10
D-
OE
D+
VDD 9
7
2
3
4
GND
HSD1+ HSD2+
5
SEL
1
6
HSD1- HSD2-
1
3
4
OE
HSD2+
HSD2-
HSD1+ 2
10
5
7
8
HSD1-
D+
D-
9
6
SEL
LOGIC
CONTROL
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
PD
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
Truth Table
OE
SEL
HSD1-, HSD1+
HSD2-, HSD2+
0
0
ON
OFF
01
OFF
ON
1X
OFF
OFF
NOTE: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with a
1.8V to 3.3V Supply.
Pin Descriptions
TDFN MSOP
µTQFN
1.8x1.4
µTQFN
2.1x1.6
NAME
FUNCTION
10
10
9
10
VDD Power Supply (1.8V to
3.3V)
1
1
10
1
SEL
Select Logic Control
Input
22
1
2
HSD1
+
USB Data Port
(Channel 1 Positive
Input)
33
2
3
HSD2
+
USB Data Port
(Channel 2 Positive
Input)
4
4
3
4
D+
USB Data Common
Positive Port
5
5
4
5
GND Ground Connection
6
6
5
6
D-
USB Data Common
Negative Port
7
7
6
7
HSD2- USB Data Port
(Channel 2 Negative
Input)
8
8
7
8
HSD1- USB Data Port
(Channel 1 Negative
Input)
99
8
9
OE
Bus Switch Enable
PD
-
-
-
PD
Thermal Pad. Tie to
Ground or Float
Pin Descriptions (Continued)
TDFN MSOP
µTQFN
1.8x1.4
µTQFN
2.1x1.6
NAME
FUNCTION
ISL54222A


유사한 부품 번호 - ISL54222AIUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54222AIUZ INTERSIL-ISL54222AIUZ Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIUZ RENESAS-ISL54222AIUZ Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222AIUZ-T INTERSIL-ISL54222AIUZ-T Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIUZ-T RENESAS-ISL54222AIUZ-T Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

유사한 설명 - ISL54222AIUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com