전자부품 데이터시트 검색엔진 |
|
ISLA216P13IRZ 데이터시트(PDF) 8 Page - Intersil Corporation |
|
ISLA216P13IRZ 데이터시트(HTML) 8 Page - Intersil Corporation |
8 / 33 page ISLA216P 8 FN7574.1 April 15, 2011 Total Power Dissipation Normal Mode PD 2mA LVDS 771 706 603 mW 3mA LVDS 786 846 720 770 616 662 mW CMOS 760 685 580 mW Nap Mode PD 88 103 83 99 77 94 mW Sleep Mode PD CSB at logic high 7 19 7 19 7 19 mW Nap/Sleep Mode Wakeup Time Sample Clock Running 200 400 630 µs AC SPECIFICATIONS Differential Nonlinearity DNL fIN = 30MHz No Missing Codes -0.99 ±0.35 -0.99 ±0.25 -0.99 ±0.25 LSB Integral Nonlinearity INL fIN = 30MHz ±10 ±6 ±5 LSB Minimum Conversion Rate (Note 7) fS MIN 40 40 40 MSPS Maximum Conversion Rate fS MAX 250 200 130 MSPS Signal-to-Noise Ratio (Note 8) SNR fIN = 30MHz 75.0 76.6 77.5 dBFS fIN = 105MHz 71.7 74.9 74.8 76.4 75.5 76.9 dBFS fIN = 190MHz 74.2 75.3 75.3 dBFS fIN = 363MHz 72.1 72.6 72.4 dBFS fIN = 461MHz 71.1 71.1 70.8 dBFS fIN = 605MHz 69.2 69.2 68.9 dBFS Signal-to-Noise and Distortion (Note 8) SINAD fIN = 30MHz 74.7 76.5 77.4 dBFS fIN = 105MHz 70.0 74.1 73.2 76.1 72.6 76.1 dBFS fIN = 190MHz 73.1 74.7 74.6 dBFS fIN = 363MHz 71.6 71.7 71.9 dBFS fIN = 461MHz 69.2 68.6 67.9 dBFS fIN = 605MHz 65.7 64.9 66.3 dBFS Effective Number of Bits (Note 8) ENOB fIN = 30MHz 12.12 12.42 12.56 Bits fIN = 105MHz 11.34 12.02 11.87 12.35 11.77 12.35 Bits fIN = 190MHz 11.85 12.12 12.10 Bits fIN = 363MHz 11.60 11.62 11.65 Bits fIN = 461MHz 11.20 11.10 10.99 Bits fIN = 605MHz 10.62 10.49 10.72 Bits Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS ISLA216P25 ISLA216P20 ISLA216P13 UNITS MIN (Note 5) TYP MAX (Note 5) MIN (Note 5) TYP MAX (Note 5) MIN (Note 5) TYP MAX (Note 5) |
유사한 부품 번호 - ISLA216P13IRZ |
|
유사한 설명 - ISLA216P13IRZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |