전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA25JC5WT 데이터시트(PDF) 4 Page - Rohm

부품명 BA25JC5WT
상세설명  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA25JC5WT 데이터시트(HTML) 4 Page - Rohm

  BA25JC5WT Datasheet HTML 1Page - Rohm BA25JC5WT Datasheet HTML 2Page - Rohm BA25JC5WT Datasheet HTML 3Page - Rohm BA25JC5WT Datasheet HTML 4Page - Rohm BA25JC5WT Datasheet HTML 5Page - Rohm BA25JC5WT Datasheet HTML 6Page - Rohm BA25JC5WT Datasheet HTML 7Page - Rohm BA25JC5WT Datasheet HTML 8Page - Rohm BA25JC5WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BA□□JC5 Series,BA00JC5WT
Technical Note
4/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves (Unless otherwise specified, Ta = 25℃; Vcc = 8 V; VCTL = 3 V; IO = 0 mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
500
1000
15 00
OUTPUT CURRENT : IOUT [mA]
0
1
2
3
4
5
6
0
2
4
6
8
10
12141 6
SUPPLY VOLTAGE : Vc c [V]
Fig.1 Circuit Current
.3 Input Stability
(Io = 1.5 A)
Fig.4 Load Stability
Fig.5 I/O Voltage Difference
Fig.6 Ripple Rejection
Fig.7 Output Voltage vs
Temperature
Fig.8 Circuit Current
Temperature
Fig.9 Circuit Current Classified
by Load
Fig.10 CTL Voltage vs
Output Voltage
Fig.11 CTL Voltage vs
CTL Current
Fig.12 Thermal Shutdown Circuit
(Io = 5 mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
121416
SUPPLY VOLTAGE : Vcc [V]
[BA50JC5T]
[BA50JC5T]
0
1
2
3
4
5
6
0
2
4
6
8
10
12141 6
SUPPLY VOLTAGE : Vc c [V]
[BA50JC5T]
0
1
2
3
4
5
6
00.5
11.5
22.5
OUTPUT CURRENT : IOUT [A]
[BA50JC5T]
[BA50JC5T]
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
1000000
FREQUENCY : f [Hz]
[BA50JC5T]
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20406080
100
TEMPERATURE : Ta [℃]
[BA50JC5T]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-20
0
20
40
60
80
100
TEMPERATURE : Ta [℃]
[BA50JC5T]
0
10
20
30
40
50
60
70
80
90
0
500
1 000
150 0
OUTPUT CURRENT : IOUT [A]
[BA50JC5T]
0
1
2
3
4
5
6
02
46
8
10
CONTROL VOLTAGE : VCTL [V]
[BA50JC5T]
0
0.1
0.2
0.3
0.4
0.5
0.6
02
46
8
10
12
14
16
1 8
CONTROL VOLTAGE : VCTL [V]
[BA50JC5T]
0
1
2
3
4
5
6
7
8
100
120
140
160
1 80
200
TEMPERATURE : Ta [℃ ]
[BA50JC5T]
Fig.2 Input Stability(Io=0mA)


유사한 부품 번호 - BA25JC5WT

제조업체부품명데이터시트상세설명
logo
Rohm
BA25JC5 ROHM-BA25JC5 Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA25JC5T ROHM-BA25JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA25JC5T ROHM-BA25JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

유사한 설명 - BA25JC5WT

제조업체부품명데이터시트상세설명
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com