전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3472F 데이터시트(PDF) 11 Page - Rohm

부품명 BA3472F
상세설명  High Speed with High Voltage Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3472F 데이터시트(HTML) 11 Page - Rohm

Back Button BA3472F Datasheet HTML 7Page - Rohm BA3472F Datasheet HTML 8Page - Rohm BA3472F Datasheet HTML 9Page - Rohm BA3472F Datasheet HTML 10Page - Rohm BA3472F Datasheet HTML 11Page - Rohm BA3472F Datasheet HTML 12Page - Rohm BA3472F Datasheet HTML 13Page - Rohm BA3472F Datasheet HTML 14Page - Rohm BA3472F Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical Note
11/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
TIME[μs]
INPUT
OUTPUT
BA3472R ファミリ
-10
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY[kHz]
-180
-150
-120
-90
-60
-30
0
PHASE
GAIN
BA3472R ファミリ
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3472R ファミリ
36V
30V
15V
5V
3V
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
BA3472R ファミリ
-40℃
25℃
105℃
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3472R ファミリ
10V
30V
36V
40
50
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
BA3472R ファミリ
-40℃ 25℃
105℃
40
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3472R ファミリ
5V
30V
36V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3472R ファミリ
5V
30V
36V
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃
25℃
BA3472R ファミリ
105℃
Fig.64
同相信号除去比-温度特性
Fig.60
入力バイアス電流-温度特性
Fig.61
大振幅電圧利得-電源電圧特性
Fig.62
大振幅電圧利得-温度特性
Fig.63
同相信号除去比-電源電圧特性
Fig.65
スルーレート(L-H)-電源電圧特性
RL=10[kΩ]
Fig.59
入力バイアス電流-電源電圧特性
Fig.66
スルーレート(L-H)-温度特性
RL=10[kΩ]
Fig.67
電圧利得-周波数特性
(VCC/VEE=+15[V]/-15[V],Av=40[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.68
大信号応答特性
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
50
60
70
80
90
100
110
120
130
140
150
5
10
15
202530
3540
SUPPLY VOLTAGE[V]
-40℃
25℃
105℃
BA3472R ファミリ
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
01
23
4
56
78
TIME[μs]
OUTPUT
INPUT
BA3472R ファミリ
Fig.69
小信号入出力波形
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Reference Data BA3472R family
(
)
(
)
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
Fig.59
Input Bias Current - Supply voltage
Fig.60
Input Bias Current - Ambient Temperature
Fig.62
Large Signal Voltage Gain
-Ambient Temperature
Fig.63
Common Mode Rejection Ratio
-Supply Voltage
Fig.64
Common Mode Rejection Ratio
-Ambient Temperature
Fig.65
Slew Rate L-H - Supply Voltage
(RL=10[kΩ])
Fig.66
Slew Rate L-H - Ambient Temperature
(RL=10[kΩ])
Fig.67
Voltage Gain - Frequency
(VCC=7.5[V]/-7.5[V], Av=40[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.68
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.69
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.61
Large Signal Voltage Gain
-Supply Voltage
BA3472R family
(*)The data above is ability value of sample, it is not guaranteed


유사한 부품 번호 - BA3472F

제조업체부품명데이터시트상세설명
logo
Rohm
BA3472F ROHM-BA3472F Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA3472F ROHM-BA3472F Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

유사한 설명 - BA3472F

제조업체부품명데이터시트상세설명
logo
Rohm
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com