전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA5826FP 데이터시트(PDF) 3 Page - Rohm

부품명 BA5826FP
상세설명  Silicon Monolithic Integrated Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA5826FP 데이터시트(HTML) 3 Page - Rohm

  BA5826FP Datasheet HTML 1Page - Rohm BA5826FP Datasheet HTML 2Page - Rohm BA5826FP Datasheet HTML 3Page - Rohm BA5826FP Datasheet HTML 4Page - Rohm BA5826FP Datasheet HTML 5Page - Rohm BA5826FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
REV. A
APPLICATION CIRCUIT DIAGRAM
CH1: SPINDLE
CH2: SLED
CH3: TRACKING
CH4: FOCUS
T. S. D.: Thermal shutdown
Resistance unit: [
Ω]
PIN NUMBERS, PIN NAMES
No.
Pin Name
Description
No.
Pin Name
Description
1
VO1(-)
Driver CH1 negative output
15
OPIN
Operational amplifier inverted
input
2
VO1(+)
Driver CH1 positive output
16
RESET
τ
Reset
τ terminal
3
IN1
CH1 input terminal
17
VO3(-)
Driver CH3 negative output
4
RESET
Reset output
18
VO3(+)
Driver CH3 positive output
5
REGB
Regulator external Tr base connection
terminal
19
IN3
CH3 input terminal
6
REGOUT
Regulator output
20
IN3’
CH3 input terminal for gain
control
7
MUTE
Driver mute control terminal
21
VCC
Power supply input
8
GND
PREGND, REGGND
22
VCC
Power supply input
9
IN2’
CH2 input terminal for gain control
23
BIAS
Bias input
10
IN2
CH2 input terminal
24
IN4’
CH4 input terminal for gain
control
11
VO2(+)
Driver CH2 positive output
25
IN4
CH4 input terminal
12
VO2(-)
Driver CH2 negative output
26
VO4(+)
Driver CH4 positive output
13
GND
CH2,3 POWGND
27
VO4(-)
Driver CH4 negative output
14
OPOUT
Operational amplifier output
28
GND
CH1,4 POWGND
Note:
The positive or negative polarity of driver outputs is determined by the input polarity.
When the signal H is applied to the input pin, the negative output pin outputs L and the positive
output pin outputs H.
SLED
MOTOR
SPINDLE
MOTOR
SERVO PRE AMP
VCC=8V
FOCUS
COIL
TRACKING
COIL
RESET
3.3V


유사한 부품 번호 - BA5826FP

제조업체부품명데이터시트상세설명
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
More results

유사한 설명 - BA5826FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com